Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTD2M832 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXTD2M832
Description  MPPS??Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTD2M832 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXTD2M832 Datasheet HTML 1Page - Zetex Semiconductors ZXTD2M832 Datasheet HTML 2Page - Zetex Semiconductors ZXTD2M832 Datasheet HTML 3Page - Zetex Semiconductors ZXTD2M832 Datasheet HTML 4Page - Zetex Semiconductors ZXTD2M832 Datasheet HTML 5Page - Zetex Semiconductors ZXTD2M832 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZXTD2M832
ISSUE 2 - JANUARY 2007
5
1m
10m
100m
1
10
10m
100m
1
1m
10m
100m
1
10
0.00
0.05
0.10
0.15
0.20
0.25
1m
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
1
10
0.4
0.6
0.8
1.0
1m
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
0
90
180
270
360
450
540
630
V
CE(SAT) vIC
Tamb=25°C
I
C
/I
B
=100
I
C
/I
B
=50
I
C
/I
B
=10
I
C
Collector Current (A)
V
BE(SAT) vIC
I
C
/I
B
=50
100°C
25°C
-55°C
I
C
Collector Current (A)
h
FE vIC
V
CE
=2V
-55°C
25°C
100°C
I
C
Collector Current (A)
25°C
V
CE(SAT) vIC
I
C
/I
B
=50
100°C
-55°C
I
C
Collector Current (A)
V
BE(ON) vIC
V
CE
=2V
100°C
25°C
-55°C
I
C
Collector Current (A)
TYPICAL CHARACTERISTICS


Similar Part No. - ZXTD2M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD2M832 ZETEX-ZXTD2M832 Datasheet
213Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTD2M832 DIODES-ZXTD2M832 Datasheet
396Kb / 6P
   DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXTD2M832TA ZETEX-ZXTD2M832TA Datasheet
213Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTD2M832TA DIODES-ZXTD2M832TA Datasheet
396Kb / 6P
   DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXTD2M832TC ZETEX-ZXTD2M832TC Datasheet
213Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXTD2M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT2M322 ZETEX-ZXT2M322_07 Datasheet
164Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD2M832 ZETEX-ZXTD2M832 Datasheet
213Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT2M322 DIODES-ZXT2M322 Datasheet
363Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT2M322 ZETEX-ZXT2M322 Datasheet
179Kb / 6P
   MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
   MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT1M322 DIODES-ZXT1M322 Datasheet
406Kb / 6P
   MPPS??Miniature Package Power Solutions 12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT3M322 ZETEX-ZXT3M322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 40V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTDBM832 ZETEX-ZXTDBM832 Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDAM832 ZETEX-ZXTDAM832 Datasheet
216Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTDCM832 ZETEX-ZXTDCM832 Datasheet
214Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com