Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMP10A18K Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXMP10A18K
Description  100V DPAK P-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP10A18K Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXMP10A18K Datasheet HTML 1Page - Zetex Semiconductors ZXMP10A18K Datasheet HTML 2Page - Zetex Semiconductors ZXMP10A18K Datasheet HTML 3Page - Zetex Semiconductors ZXMP10A18K Datasheet HTML 4Page - Zetex Semiconductors ZXMP10A18K Datasheet HTML 5Page - Zetex Semiconductors ZXMP10A18K Datasheet HTML 6Page - Zetex Semiconductors ZXMP10A18K Datasheet HTML 7Page - Zetex Semiconductors ZXMP10A18K Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXMP10A18K
Issue 1 - August 2006
7
www.zetex.com
© Zetex Semiconductors plc 2006
Intentionally left blank


Similar Part No. - ZXMP10A18K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A18K DIODES-ZXMP10A18K Datasheet
829Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
ZXMP10A18KTC DIODES-ZXMP10A18KTC Datasheet
829Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
logo
VBsemi Electronics Co.,...
ZXMP10A18KTC VBSEMI-ZXMP10A18KTC Datasheet
1Mb / 9P
   P-Channel 100 V (D-S) MOSFET
logo
Diodes Incorporated
ZXMP10A18K DIODES-ZXMP10A18K_15 Datasheet
873Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP10A18K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A18K DIODES-ZXMP10A18K Datasheet
829Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP10A16K ZETEX-ZXMP10A16K Datasheet
750Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP10A16K DIODES-ZXMP10A16K Datasheet
763Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN10A25K ZETEX-ZXMN10A25K Datasheet
601Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN10A25K DIODES-ZXMN10A25K Datasheet
614Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN10A11K ZETEX-ZXMN10A11K Datasheet
794Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
ZXMN10A09K ZETEX-ZXMN10A09K Datasheet
197Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Diodes Incorporated
DMP10H400SK3 DIODES-DMP10H400SK3 Datasheet
282Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
   100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com