Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8578 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8578
Description  LCD row/column driver for dot matrix graphic displays
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8578 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8578 Datasheet HTML 1Page - NXP Semiconductors PCF8578 Datasheet HTML 2Page - NXP Semiconductors PCF8578 Datasheet HTML 3Page - NXP Semiconductors PCF8578 Datasheet HTML 4Page - NXP Semiconductors PCF8578 Datasheet HTML 5Page - NXP Semiconductors PCF8578 Datasheet HTML 6Page - NXP Semiconductors PCF8578 Datasheet HTML 7Page - NXP Semiconductors PCF8578 Datasheet HTML 8Page - NXP Semiconductors PCF8578 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1998 Sep 08
3
Philips Semiconductors
Product specification
LCD row/column driver for dot matrix
graphic displays
PCF8578
1
FEATURES
• Single chip LCD controller/driver
• Stand-alone or may be used with up to 32 PCF8579s
(40960 dots possible)
• 40 driver outputs, configurable as 328, 2416, 1624 or
8
32 rows/columns
• Selectable multiplex rates; 1 : 8, 1 : 16, 1 : 24 or 1 : 32
• Externally selectable bias configuration, 5 or 6 levels
• 1280-bit RAM for display data storage and scratch pad
• Display memory bank switching
• Auto-incremented data loading across hardware
subaddress boundaries (with PCF8579)
• Provides display synchronization for PCF8579
• On-chip oscillator, requires only 1 external resistor
• Power-on reset blanks display
• Logic voltage supply range 2.5 to 6 V
• Maximum LCD supply voltage 9 V
• Low power consumption
• I2C-bus interface
• TTL/CMOS compatible
• Compatible with most microcontrollers
• Optimized pinning for single plane wiring in multiple
device applications (with PCF8579)
• Space saving 56-lead plastic mini-pack and 64 pin quad
flat pack
• Compatible with chip-on-glass technology.
2
APPLICATIONS
• Automotive information systems
• Telecommunication systems
• Point-of-sale terminals
• Computer terminals
• Instrumentation.
3
GENERAL DESCRIPTION
The PCF8578 is a low power CMOS LCD row/column
driver, designed to drive dot matrix graphic displays at
multiplex rates of 1 : 8, 1 : 16, 1 : 24 or 1 : 32. The device
has 40 outputs, of which 24 are programmable,
configurable as 32
8, 2416, 1624 or 832 rows/columns.
The PCF8578 can function as a stand-alone LCD
controller/driver for use in small systems, or for larger
systems can be used in conjunction with up to
32 PCF8579s for which it has been optimized. Together
these two devices form a general purpose LCD dot matrix
driver chip set, capable of driving displays of up to
40960 dots. The PCF8578 is compatible with most
microcontrollers and communicates via a two-line
bidirectional bus (I2C-bus). Communication overheads are
minimized by a display RAM with auto-incremented
addressing and display bank switching.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8578T
VSO56
plastic very small outline package; 56 leads
SOT190-1
PCF8578U/2
chip with bumps in tray
PCF8578H
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2


Similar Part No. - PCF8578

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8578 NXP-PCF8578 Datasheet
284Kb / 46P
   LCD row/column driver for dot matrix graphic displays
Rev. 06-5 May 2009
PCF8578 PHILIPS-PCF8578 Datasheet
261Kb / 48P
   LCD row/column driver for dot matrix graphic displays
2003 Apr 14
PCF8578 NXP-PCF8578 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8578H PHILIPS-PCF8578H Datasheet
261Kb / 48P
   LCD row/column driver for dot matrix graphic displays
2003 Apr 14
PCF8578H/1 NXP-PCF8578H/1 Datasheet
284Kb / 46P
   LCD row/column driver for dot matrix graphic displays
Rev. 06-5 May 2009
More results

Similar Description - PCF8578

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8579 NXP-PCF8579 Datasheet
260Kb / 41P
   LCD column driver for dot matrix graphic displays
Rev. 05-11 May 2009
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
   LCD column driver for dot matrix graphic displays
1997 Apr 01
PCF8578 NXP-PCF8578 Datasheet
284Kb / 46P
   LCD row/column driver for dot matrix graphic displays
Rev. 06-5 May 2009
PCF8578 PHILIPS-PCF8578_03 Datasheet
261Kb / 48P
   LCD row/column driver for dot matrix graphic displays
2003 Apr 14
logo
Toshiba Semiconductor
T6K01 TOSHIBA-T6K01 Datasheet
238Kb / 13P
   COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T7932 TOSHIBA-T7932 Datasheet
887Kb / 20P
   COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6B65AFG TOSHIBA-T6B65AFG Datasheet
472Kb / 15P
   Column Driver LSI for Dot Matrix Graphic LCD?셲
T6K14 TOSHIBA-T6K14 Datasheet
593Kb / 45P
   COLUMN AND ROW DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6A04A TOSHIBA-T6A04A Datasheet
307Kb / 25P
   Column and Row Driver LSI for a Dot Matrix Graphic LCD
T6C84 TOSHIBA-T6C84 Datasheet
407Kb / 29P
   COLUMN AND ROW DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com