Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN25020CFHTA Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXTN25020CFHTA
Description  20V, SOT23, NPN medium power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN25020CFHTA Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXTN25020CFHTA Datasheet HTML 1Page - Zetex Semiconductors ZXTN25020CFHTA Datasheet HTML 2Page - Zetex Semiconductors ZXTN25020CFHTA Datasheet HTML 3Page - Zetex Semiconductors ZXTN25020CFHTA Datasheet HTML 4Page - Zetex Semiconductors ZXTN25020CFHTA Datasheet HTML 5Page - Zetex Semiconductors ZXTN25020CFHTA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTN25020CFH
Issue 1 - June 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
70
100
V
IC = 100 A
Collector-emitter breakdown
voltage (forward blocking)
BVCEX
70
100
IC = 100 A, RBE
1k
or
-1V < VBE < 0.25V
Collector-emitter breakdown
voltage (base open)
BVCEO
20
35
V
IC = 10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-base breakdown
voltage
BVEBO
78.3
V
IE = 100 A
Emitter-collector breakdown
voltage (reverse blocking)
BVECX
68.0
V
IE = 100 A, RBC
1k
or
0.25V > VBC > -0.25V
Emitter-collector breakdown
voltage (base open)
BVECO
56.6
V
IE = 100 A,
Collector-base cut-off current ICBO
<1
50
20
nA
A
VCB = 56V
VCB = 56V, Tamb= 100°C
Collector-emitter cut-off
current
ICEX
-100
nA
VCE = 56V; RBE
1k
or
-1V < VBE < 0.25V
Emitter-base cut-off current
IEBO
<1
50
nA
VEB = 5.6V
Collector-emitter saturation
voltage
VCE(sat)
35
45
mV
IC = 1A, IB = 100mA(*)
53
65
mV
IC = 1A, IB = 20mA(*)
85
100
mV
IC = 2A, IB = 40mA(*)
175
220
mV
IC = 4.5A, IB = 90mA(*)
125
140
mV
IC = 4.5A, IB = 450mA(*)
Base-emitter saturation
voltage
VBE(sat)
905
1000
mV
IC = 4.5A, IB = 90mA(*)
Base-emitter turn-on voltage VBE(on)
815
900
mV
IC = 4.5A, VCE = 2V(*)
Static forward current
transfer ratio
hFE
200
350
500
IC = 10mA, VCE = 2V(*)
180
320
IC = 1A, VCE = 2V(*)
90
145
IC = 4.5A, VCE = 2V(*)
25
40
IC = 10A, VCE = 2V(*)
Transition frequency
fT
185
MHz
IC = 50mA, VCE = 10V
f = 100MHz
Output capacitance
COBO
16.8
25
pF
VCB = 10V, f = 1MHz(*)
Delay time
td
70.5
ns
VCC = 10V.
IC = 1A,
IB1 = IB2= 10mA.
Rise time
tr
88
ns
Storage time
ts
266
ns
Fall time
tf
65
ns


Similar Part No. - ZXTN25020CFHTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN25020CFHTA DIODES-ZXTN25020CFHTA Datasheet
402Kb / 6P
   20V, SOT23, NPN medium power transistor
More results

Similar Description - ZXTN25020CFHTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN25020BFH DIODES-ZXTN25020BFH Datasheet
400Kb / 6P
   20V, SOT23, NPN medium power transistor
ZXTN25020DFH DIODES-ZXTN25020DFH Datasheet
263Kb / 6P
   20V SOT23 NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25020DFH ZETEX-ZXTN25020DFH Datasheet
257Kb / 6P
   20V SOT23 NPN medium power transistor
ZXTN25020BFH ZETEX-ZXTN25020BFH Datasheet
393Kb / 6P
   20V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25020CFH DIODES-ZXTN25020CFH Datasheet
402Kb / 6P
   20V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
   20V, SOT23, PNP medium power transistor
ZXTP25020BFH ZETEX-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020BFH DIODES-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
ZXTP25020DFH DIODES-ZXTP25020DFH Datasheet
521Kb / 6P
   20V, SOT23, PNP medium power transistor
ZXTP25020CFH DIODES-ZXTP25020CFH_15 Datasheet
382Kb / 8P
   20V, SOT23, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com