Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN25012EFL Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXTN25012EFL
Description  12V, SOT23, NPN low power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN25012EFL Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXTN25012EFL Datasheet HTML 1Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 2Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 3Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 4Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 5Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 6Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 7Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXTN25012EFL
Issue 2 - January 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
20
40
V
IC = 100 A
Collector-emitter breakdown
voltage
BVCEO
12
17
V
IC = 10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-base breakdown
voltage
BVEBO
78.3
V
IE = 100 A
Emitter-collector breakdown
voltage (reverse blocking)
BVECX
68
V
IE = 100 A, RBC 1k or
0.25v > VBC > -0.25V
Emitter-collector breakdown
voltage (base open)
BVECO
4.5
5.5
V
IE = 100 A,
Collector cut-off current
ICBO
<1
50
nA
VCB = 16V
20
AVCB = 16V, Tamb= 100°C
Emitter-base cut-off current
IEBO
<1
50
nA
VEB = 5.6V
Collector-emitter saturation
voltage
VCE(sat)
50
65
mV
IC = 1A, IB = 100mA(*)
70
85
mV
IC = 1A, IB = 10mA(*)
105
130
mV
IC = 2A, IB = 40mA(*)
235
300
mV
IC = 5A, IB = 100mA(*)
Base-emitter saturation
voltage
VBE(sat)
830
950
mV
IC = 2A, IB = 40mA(*)
Base-emitter turn-on voltage
VBE(on)
745
850
mV
IC = 2A, VCE = 2V(*)
Static forward current transfer
ratio
hFE
500
800
1500
IC = 10mA, VCE = 2V(*)
500
700
IC = 1A, VCE = 2V(*)
370
575
IC = 2A, VCE = 2V(*)
210
335
IC = 5A, VCE = 2V(*)
30
55
IC = 15A, VCE = 2V(*)
Transition frequency
fT
260
MHz
IC = 50mA, VCE = 10V
f = 100MHz
Output capacitance
Cobo
25
35
pF
VCB = 10V, f = 1MHz(*)
Delay time
t(d)
71
ns
VCC = 10V
IC = 1A,
IB1 = IB2= 10mA
Rise time
t(r)
70
ns
Storage time
t(s)
233
ns
Fall time
t(f)
72
ns


Similar Part No. - ZXTN25012EFL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN25012EFL DIODES-ZXTN25012EFL Datasheet
488Kb / 8P
   12V, SOT23, NPN low power transistor
ZXTN25012EFLTA DIODES-ZXTN25012EFLTA Datasheet
488Kb / 8P
   12V, SOT23, NPN low power transistor
More results

Similar Description - ZXTN25012EFL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN25012EFL DIODES-ZXTN25012EFL Datasheet
488Kb / 8P
   12V, SOT23, NPN low power transistor
ZXTN25012EFH DIODES-ZXTN25012EFH Datasheet
387Kb / 6P
   12V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25012EFH ZETEX-ZXTN25012EFH Datasheet
384Kb / 6P
   12V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTP25012EFH DIODES-ZXTP25012EFH Datasheet
333Kb / 8P
   12V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25012EFH ZETEX-ZXTP25012EFH Datasheet
445Kb / 8P
   12V, SOT23, PNP medium power transistor
ZXTN25040DFL ZETEX-ZXTN25040DFL Datasheet
554Kb / 8P
   40V, SOT23, NPN low power transistor
ZXTN25020DFL ZETEX-ZXTN25020DFL Datasheet
416Kb / 8P
   20V, SOT23, NPN low power transistor
logo
Diodes Incorporated
ZXTN25020DFL DIODES-ZXTN25020DFL Datasheet
428Kb / 8P
   20V, SOT23, NPN low power transistor
ZXTN25040DFL DIODES-ZXTN25040DFL Datasheet
446Kb / 8P
   40V, SOT23, NPN low power transistor
FMMT717 DIODES-FMMT717_15 Datasheet
417Kb / 7P
   12V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com