Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN25012EFL Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXTN25012EFL
Description  12V, SOT23, NPN low power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN25012EFL Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXTN25012EFL Datasheet HTML 1Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 2Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 3Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 4Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 5Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 6Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 7Page - Zetex Semiconductors ZXTN25012EFL Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXTN25012EFL
Issue 2 - January 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
Intentionally left blank


Similar Part No. - ZXTN25012EFL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN25012EFL DIODES-ZXTN25012EFL Datasheet
488Kb / 8P
   12V, SOT23, NPN low power transistor
ZXTN25012EFLTA DIODES-ZXTN25012EFLTA Datasheet
488Kb / 8P
   12V, SOT23, NPN low power transistor
More results

Similar Description - ZXTN25012EFL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN25012EFL DIODES-ZXTN25012EFL Datasheet
488Kb / 8P
   12V, SOT23, NPN low power transistor
ZXTN25012EFH DIODES-ZXTN25012EFH Datasheet
387Kb / 6P
   12V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25012EFH ZETEX-ZXTN25012EFH Datasheet
384Kb / 6P
   12V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTP25012EFH DIODES-ZXTP25012EFH Datasheet
333Kb / 8P
   12V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25012EFH ZETEX-ZXTP25012EFH Datasheet
445Kb / 8P
   12V, SOT23, PNP medium power transistor
ZXTN25040DFL ZETEX-ZXTN25040DFL Datasheet
554Kb / 8P
   40V, SOT23, NPN low power transistor
ZXTN25020DFL ZETEX-ZXTN25020DFL Datasheet
416Kb / 8P
   20V, SOT23, NPN low power transistor
logo
Diodes Incorporated
ZXTN25020DFL DIODES-ZXTN25020DFL Datasheet
428Kb / 8P
   20V, SOT23, NPN low power transistor
ZXTN25040DFL DIODES-ZXTN25040DFL Datasheet
446Kb / 8P
   40V, SOT23, NPN low power transistor
FMMT717 DIODES-FMMT717_15 Datasheet
417Kb / 7P
   12V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com