Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN07045EFF Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXTN07045EFF
Description  45V, SOT23F, NPN high gain power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN07045EFF Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXTN07045EFF Datasheet HTML 1Page - Zetex Semiconductors ZXTN07045EFF Datasheet HTML 2Page - Zetex Semiconductors ZXTN07045EFF Datasheet HTML 3Page - Zetex Semiconductors ZXTN07045EFF Datasheet HTML 4Page - Zetex Semiconductors ZXTN07045EFF Datasheet HTML 5Page - Zetex Semiconductors ZXTN07045EFF Datasheet HTML 6Page - Zetex Semiconductors ZXTN07045EFF Datasheet HTML 7Page - Zetex Semiconductors ZXTN07045EFF Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXTN07045EFF
Issue 2 - January 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
Intentionally left blank


Similar Part No. - ZXTN07045EFF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN07045EFF DIODES-ZXTN07045EFF Datasheet
323Kb / 8P
   45V, SOT23F, NPN high gain power transistor
ZXTN07045EFFTA DIODES-ZXTN07045EFFTA Datasheet
323Kb / 8P
   45V, SOT23F, NPN high gain power transistor
ZXTN07045EFFTA DIODES-ZXTN07045EFFTA Datasheet
393Kb / 7P
   45V NPN LOW SATURATION TRANSISTOR
ZXTN07045EFF DIODES-ZXTN07045EFF_15 Datasheet
222Kb / 7P
   45V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23F
ZXTN07045EFF DIODES-ZXTN07045EFF_16 Datasheet
393Kb / 7P
   45V NPN LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTN07045EFF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN07045EFF DIODES-ZXTN07045EFF Datasheet
323Kb / 8P
   45V, SOT23F, NPN high gain power transistor
logo
Zetex Semiconductors
ZXTN19020CFF ZETEX-ZXTN19020CFF Datasheet
454Kb / 8P
   20V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN19100CFF DIODES-ZXTN19100CFF Datasheet
467Kb / 8P
   100V, SOT23F, NPN high gain power transistor
ZXTN19020DFF DIODES-ZXTN19020DFF Datasheet
459Kb / 8P
   20V, SOT23F, NPN high gain power transistor
logo
Zetex Semiconductors
ZXTN19060CFF ZETEX-ZXTN19060CFF Datasheet
513Kb / 6P
   60V, SOT23F, NPN high gain power transistor
ZXTN07012EFF ZETEX-ZXTN07012EFF Datasheet
446Kb / 6P
   12V, SOT23F, NPN high gain power transistor
ZXTN19020DFF ZETEX-ZXTN19020DFF Datasheet
462Kb / 8P
   20V, SOT23F, NPN high gain power transistor
ZXTN19100CFF ZETEX-ZXTN19100CFF Datasheet
455Kb / 8P
   100V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN07012EFF DIODES-ZXTN07012EFF Datasheet
458Kb / 6P
   12V, SOT23F, NPN high gain power transistor
ZXTN19020CFF DIODES-ZXTN19020CFF Datasheet
467Kb / 8P
   20V, SOT23F, NPN high gain power transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com