Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT1001R6SFLL Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT1001R6SFLL
Description  POWER MOS 7 R FREDFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT1001R6SFLL Datasheet(HTML) 4 Page - Advanced Power Technology

  APT1001R6SFLL Datasheet HTML 1Page - Advanced Power Technology APT1001R6SFLL Datasheet HTML 2Page - Advanced Power Technology APT1001R6SFLL Datasheet HTML 3Page - Advanced Power Technology APT1001R6SFLL Datasheet HTML 4Page - Advanced Power Technology APT1001R6SFLL Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT1001R6BFLL_SFLL
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE10,MAXIMUMSAFEOPERATINGAREA
FIGURE11, CAPACITANCEvsDRAIN-TO-SOURCEVOLTAGE
Qg,TOTALGATECHARGE(nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE12,GATECHARGEvsGATE-TO-SOURCEVOLTAGE
FIGURE13, SOURCE-DRAINDIODEFORWARDVOLTAGE
1
10
100
1000
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
0.3
0.5
0.7
0.9
1.1
1.3
1.5
33
10
5
1
.5
.1
16
12
8
4
0
10mS
1mS
100µS
TC=+25°C
TJ=+150°C
SINGLE PULSE
OPERATIONHERE
LIMITEDBYRDS(ON)
VDS=500V
VDS=200V
VDS=800V
I
D = 8A
TJ=+150°C
TJ=+25°C
Crss
Ciss
Coss
5,000
1,000
100
10
200
100
10
1
I
D (A)
I
D (A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
ID (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
V
DD = 667V
R
G = 5Ω
T
J = 125°C
L = 100µH
td(on)
td(off)
Eon
Eoff
Eon
Eoff
tr
tf
V
DD = 667V
R
G = 5Ω
T
J = 125°C
L = 100µH
4
6
8
10
12
14
4
6
8
10
12
14
4
6
8
10
12
14
0
5
10 15 2025 3035 40 45 50
V
DD = 667V
R
G = 5Ω
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery.
40
35
30
25
20
15
10
5
0
800
600
400
200
0
V
DD = 667V
I
D = 8A
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery.
40
35
30
25
20
15
10
5
0
500
400
300
200
100
0


Similar Part No. - APT1001R6SFLL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
APT1001R6BFLL ISC-APT1001R6BFLL Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Advanced Power Technolo...
APT1001R6BFLLG ADPOW-APT1001R6BFLLG Datasheet
375Kb / 5P
   POWER MOS 7 R FREDFET
APT1001R6BN ADPOW-APT1001R6BN Datasheet
50Kb / 4P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results

Similar Description - APT1001R6SFLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT20M34BFLL ADPOW-APT20M34BFLL_04 Datasheet
205Kb / 5P
   POWER MOS 7 R FREDFET
logo
Microsemi Corporation
APT50M38JFLL MICROSEMI-APT50M38JFLL_04 Datasheet
157Kb / 5P
   POWER MOS 7 R FREDFET
logo
Advanced Power Technolo...
APT50M65B2FLL ADPOW-APT50M65B2FLL_03 Datasheet
102Kb / 5P
   POWER MOS 7 R FREDFET
APT5518BFLLG ADPOW-APT5518BFLLG Datasheet
96Kb / 5P
   POWER MOS 7 R FREDFET
APT50M75B2FLL ADPOW-APT50M75B2FLL_04 Datasheet
167Kb / 5P
   POWER MOS 7 R FREDFET
APT60M75JFLL ADPOW-APT60M75JFLL_04 Datasheet
164Kb / 5P
   POWER MOS 7 R FREDFET
logo
Microsemi Corporation
APT5016BFLLG MICROSEMI-APT5016BFLLG Datasheet
191Kb / 5P
   POWER MOS 7 R FREDFET
logo
Advanced Power Technolo...
APT60M60JFLL ADPOW-APT60M60JFLL_03 Datasheet
111Kb / 5P
   POWER MOS 7 R FREDFET
APT60M75L2FLL ADPOW-APT60M75L2FLL_04 Datasheet
156Kb / 5P
   POWER MOS 7 R FREDFET
logo
Microsemi Corporation
APT1201R4BFLL MICROSEMI-APT1201R4BFLL Datasheet
418Kb / 5P
   POWER MOS 7 R FREDFET
Rev C 2-2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com