Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN04120HFF Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXTN04120HFF
Description  120V, SOT23F, NPN medium power Darlington transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN04120HFF Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXTN04120HFF Datasheet HTML 1Page - Zetex Semiconductors ZXTN04120HFF Datasheet HTML 2Page - Zetex Semiconductors ZXTN04120HFF Datasheet HTML 3Page - Zetex Semiconductors ZXTN04120HFF Datasheet HTML 4Page - Zetex Semiconductors ZXTN04120HFF Datasheet HTML 5Page - Zetex Semiconductors ZXTN04120HFF Datasheet HTML 6Page - Zetex Semiconductors ZXTN04120HFF Datasheet HTML 7Page - Zetex Semiconductors ZXTN04120HFF Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXTN04120HFF
Issue 1 - May 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
Package outline - SOT23F
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.80
1.00
0.0315
0.0394
E
2.30
2.50
0.0906
0.0984
A1
0.00
0.10
0.00
0.0043
E1
1.50
1.70
0.0590
0.0669
b
0.35
0.45
0.0153
0.0161
L
0.48
0.68
0.0189
0.0268
c
0.10
0.20
0.0043
0.0079
L1
0.30
0.50
0.0153
0.0161
D
2.80
3.00
0.1102
0.1181
R
0.05
0.15
0.0019
0.0059
e
0.95 ref
0.0374 ref
O
12°
12°
e1
1.80
2.00
0.0709
0.0787
-
-
-
-
-
D
L1
c
A1
b
R
bb
E1
E
e1
e
L
A


Similar Part No. - ZXTN04120HFF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN04120HFF DIODES-ZXTN04120HFF Datasheet
455Kb / 8P
   120V, SOT23F, NPN medium power Darlington transistor
ZXTN04120HFFTA DIODES-ZXTN04120HFFTA Datasheet
455Kb / 8P
   120V, SOT23F, NPN medium power Darlington transistor
More results

Similar Description - ZXTN04120HFF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN04120HFF DIODES-ZXTN04120HFF Datasheet
455Kb / 8P
   120V, SOT23F, NPN medium power Darlington transistor
logo
Zetex Semiconductors
ZXTP05120HFF ZETEX-ZXTP05120HFF Datasheet
434Kb / 8P
   120V, SOT23F, PNP medium power Darlington transistor
logo
Diodes Incorporated
ZXTP05120HFF DIODES-ZXTP05120HFF Datasheet
447Kb / 8P
   120V, SOT23F, PNP medium power Darlington transistor
ZXTN04120HK DIODES-ZXTN04120HK Datasheet
271Kb / 7P
   120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN TO252
ZXTN04120HP5 DIODES-ZXTN04120HP5_15 Datasheet
285Kb / 7P
   120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN POWERDI짰5
ZXTN04120HP5 DIODES-ZXTN04120HP5 Datasheet
285Kb / 7P
   120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN POWERDI짰5
ZXTN04120HK DIODES-ZXTN04120HK_15 Datasheet
265Kb / 7P
   120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN TO252
logo
Zetex Semiconductors
ZXTN08400BFF ZETEX-ZXTN08400BFF Datasheet
510Kb / 6P
   400V, SOT23F, NPN medium power high voltage transistor
logo
Diodes Incorporated
ZXTN08400BFF DIODES-ZXTN08400BFF Datasheet
522Kb / 6P
   400V, SOT23F, NPN medium power high voltage transistor
ZXTN07045EFF DIODES-ZXTN07045EFF_15 Datasheet
222Kb / 7P
   45V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com