Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTP07012EFFTA Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXTP07012EFFTA
Description  12V, SOT23F, PNP medium power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP07012EFFTA Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXTP07012EFFTA Datasheet HTML 1Page - Zetex Semiconductors ZXTP07012EFFTA Datasheet HTML 2Page - Zetex Semiconductors ZXTP07012EFFTA Datasheet HTML 3Page - Zetex Semiconductors ZXTP07012EFFTA Datasheet HTML 4Page - Zetex Semiconductors ZXTP07012EFFTA Datasheet HTML 5Page - Zetex Semiconductors ZXTP07012EFFTA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZXTP07012EFF
Issue 1 - September 2006
5
www.zetex.com
© Zetex Semiconductors plc 2006
Typical characteristics


Similar Part No. - ZXTP07012EFFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP07012EFFTA DIODES-ZXTP07012EFFTA Datasheet
381Kb / 7P
   12V PNP LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTP07012EFFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP19020DFFTA ZETEX-ZXTP19020DFFTA Datasheet
493Kb / 8P
   20V, SOT23F, PNP medium power transistor
logo
Diodes Incorporated
ZXTP19100CFF DIODES-ZXTP19100CFF Datasheet
444Kb / 8P
   100V, SOT23F, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP19020CFF ZETEX-ZXTP19020CFF Datasheet
432Kb / 8P
   20V, SOT23F, PNP medium power transistor
ZXTP19060CFF ZETEX-ZXTP19060CFF Datasheet
450Kb / 8P
   60V, SOT23F, PNP medium power transistor
logo
Diodes Incorporated
ZXTP07040DFF DIODES-ZXTP07040DFF Datasheet
455Kb / 6P
   40V, SOT23F, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25020CFF ZETEX-ZXTP25020CFF Datasheet
431Kb / 8P
   20V, SOT23F, PNP medium power transistor
ZXTP19100CFF ZETEX-ZXTP19100CFF Datasheet
437Kb / 8P
   100V, SOT23F, PNP medium power transistor
logo
Diodes Incorporated
ZXTP19060CFF DIODES-ZXTP19060CFF Datasheet
462Kb / 8P
   60V, SOT23F, PNP medium power transistor
ZXTP25020CFF DIODES-ZXTP25020CFF Datasheet
444Kb / 8P
   20V, SOT23F, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP07040DFF ZETEX-ZXTP07040DFF Datasheet
443Kb / 6P
   40V, SOT23F, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com