Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28CM00R-A00+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS28CM00R-A00+T
Description  I짼C/SMBus Silicon Serial Number
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28CM00R-A00+T Datasheet(HTML) 8 Page - Maxim Integrated Products

  DS28CM00R-A00+T Datasheet HTML 1Page - Maxim Integrated Products DS28CM00R-A00+T Datasheet HTML 2Page - Maxim Integrated Products DS28CM00R-A00+T Datasheet HTML 3Page - Maxim Integrated Products DS28CM00R-A00+T Datasheet HTML 4Page - Maxim Integrated Products DS28CM00R-A00+T Datasheet HTML 5Page - Maxim Integrated Products DS28CM00R-A00+T Datasheet HTML 6Page - Maxim Integrated Products DS28CM00R-A00+T Datasheet HTML 7Page - Maxim Integrated Products DS28CM00R-A00+T Datasheet HTML 8Page - Maxim Integrated Products DS28CM00R-A00+T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DS28CM00: I²C/SMBus Silicon Serial Number
8 of 9
I²C Communication
⎯Legend
SYMBOL
DESCRIPTION
SYMBOL
DESCRIPTION
S
START Condition
A
Acknowledged
AD,0
Select DS28CM00 for Write Access
A\
Not Acknowledged
AD,1
Select DS28CM00 for Read Access
<byte>
Transfer of One Byte
Sr
Repeated START Condition
VMA
Valid Memory Address (00h to 08h)
P
STOP Condition
IMA
Invalid Memory Address
Command-Specific Communication
⎯Color-Codes
Master-to-Slave
Slave-to-Master
Communication Examples
Write to Control Register (address 08)
S
AD,0
A
08h
A
<byte>
A
P
Write to ROM Address (excludes address 08)
S
AD,0
A
VMA
A
<byte>
A\
P
Write to invalid address (>08)
S
AD,0
A
IMA
A\
P
Read
S
AD,0
A
VMA
A
Sr
AD,1
A
<byte>
A
<byte>
A\
P
Application Information
SDA and SCL Pullup Resistors
SDA is an open-drain output on the DS28CM00 that requires a pullup resistor (Figure 6) to realize high logic levels.
Because the DS28CM00 uses SCL only as input (no clock stretching) the master can drive SCL either through an
open-drain/collector output with a pullup resistor or a push-pull output.
Pullup Resistor RP Sizing
According to the I²C specification, a slave device must be able to sink at least 3mA at a VOL of 0.4V. The SMBus
specification requires a current sink capability of 4mA at 0.4V. The DS28CM00 can sink at least 4mA at 0.4V VOL
over its entire operating voltage range. This DC characteristic determines the minimum value of the pullup resistor:
Rpmin = (VCC - 0.4V)/4mA. With a maximum operating voltage of 5.25V, the minimum value for the pullup resistor
is 1.2k
Ω. The "Minimum RP" line in Figure 7 shows how the minimum pullup resistor changes with the operating
(pullup) voltage.
last byte
one or
more bytes
data is not accepted
address is not accepted
Set address pointer


Similar Part No. - DS28CM00R-A00+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28C16 MAXIM-DS28C16 Datasheet
1Mb / 7P
   Convenient On-Board Test Points and TDFN Socket
Rev 0; 4/20
DS28C16 MAXIM-DS28C16 Datasheet
184Kb / 10P
   I2C Low-Voltage SHA-3 Authenticator
2020
DS28C16EVKIT MAXIM-DS28C16EVKIT Datasheet
1Mb / 7P
   Convenient On-Board Test Points and TDFN Socket
Rev 0; 4/20
DS28C16Q+T MAXIM-DS28C16Q+T Datasheet
184Kb / 10P
   I2C Low-Voltage SHA-3 Authenticator
2020
DS28C36 MAXIM-DS28C36 Datasheet
285Kb / 5P
   FIPS 180 SHA-256 Compute Engine
Rev 0; 6/16
More results

Similar Description - DS28CM00R-A00+T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
   Silicon Serial Number
logo
Maxim Integrated Produc...
DS2411 MAXIM-DS2411 Datasheet
527Kb / 12P
   Silicon Serial Number with Vcc Input
Rev 11/11
logo
Dallas Semiconductor
DS2411 DALLAS-DS2411 Datasheet
231Kb / 11P
   Silicon Serial Number with VCC Input
logo
Maxim Integrated Produc...
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
   Serial Number iButton
Rev 4; 8/10
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
   Serial Number iButton
Rev: 10/08
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
   Serial Number iButton
Rev 4; 8/10
logo
Dallas Semiconductor
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
   Serial Number iButton
logo
Maxim Integrated Produc...
DS28CZ04 MAXIM-DS28CZ04 Datasheet
224Kb / 22P
   4kbit I짼C/SMBus EEPROM with Nonvolatile PIO
REV: 061107
DS28CN01 MAXIM-DS28CN01 Datasheet
137Kb / 9P
   1Kbit I짼C/SMBus EEPROM with SHA-1 Engine
REV: 061907
logo
STMicroelectronics
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
   32 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com