Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN25100DFHTA Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXTN25100DFHTA
Description  100V, SOT23, NPN medium power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN25100DFHTA Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXTN25100DFHTA Datasheet HTML 1Page - Zetex Semiconductors ZXTN25100DFHTA Datasheet HTML 2Page - Zetex Semiconductors ZXTN25100DFHTA Datasheet HTML 3Page - Zetex Semiconductors ZXTN25100DFHTA Datasheet HTML 4Page - Zetex Semiconductors ZXTN25100DFHTA Datasheet HTML 5Page - Zetex Semiconductors ZXTN25100DFHTA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZXTN25100DFH
Issue 1 - June 2006
6
www.zetex.com
© Zetex Semiconductors plc 2006
For international sales offices visit www.zetex.com/offices
Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone: (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Package outline - SOT23
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
A
2.67
3.05
0.105
0.120
H
0.33
0.51
0.013
0.020
B
1.20
1.40
0.047
0.055
K
0.01
0.10
0.0004
0.004
C
-
1.10
-
0.043
L
2.10
2.50
0.083
0.0985
D
0.37
0.53
0.015
0.021
M
0.45
0.64
0.018
0.025
F
0.085
0.15
0.0034
0.0059
N
0.95 NOM
0.0375 NOM
G
1.90 NOM
0.075 NOM
-
-
-
-
-
L
N
H
G
A
C
F
B
M
K
D
3 leads


Similar Part No. - ZXTN25100DFHTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN25100DFHTA DIODES-ZXTN25100DFHTA Datasheet
391Kb / 6P
   100V, SOT23, NPN medium power transistor
More results

Similar Description - ZXTN25100DFHTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN25100DFH DIODES-ZXTN25100DFH Datasheet
391Kb / 6P
   100V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN2020F ZETEX-ZXTN2020F Datasheet
514Kb / 6P
   100V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2020F DIODES-ZXTN2020F Datasheet
522Kb / 6P
   100V, SOT23, NPN medium power transistor
FMMT493 DIODES-FMMT493_15 Datasheet
385Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT493TA DIODES-FMMT493TA Datasheet
385Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT23
ZXTN25100BFH DIODES-ZXTN25100BFH Datasheet
398Kb / 6P
   100V, SOT23, medium power transistor
logo
Zetex Semiconductors
ZXTN25100BFH ZETEX-ZXTN25100BFH Datasheet
391Kb / 6P
   100V, SOT23, medium power transistor
logo
Diodes Incorporated
ZXTP2029F DIODES-ZXTP2029F Datasheet
439Kb / 8P
   100V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25100CFH ZETEX-ZXTP25100CFH Datasheet
450Kb / 8P
   100V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25100CFH DIODES-ZXTP25100CFH Datasheet
462Kb / 8P
   100V, SOT23, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com