Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6079HGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6079HGN
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6079HGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6079HGN Datasheet HTML 2Page - Linear Technology LTC6079HGN Datasheet HTML 3Page - Linear Technology LTC6079HGN Datasheet HTML 4Page - Linear Technology LTC6079HGN Datasheet HTML 5Page - Linear Technology LTC6079HGN Datasheet HTML 6Page - Linear Technology LTC6079HGN Datasheet HTML 7Page - Linear Technology LTC6079HGN Datasheet HTML 8Page - Linear Technology LTC6079HGN Datasheet HTML 9Page - Linear Technology LTC6079HGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC6078/LTC6079
6
60789fa
14
12
10
6
8
4
2
0
60789 G01
–11
7
–9 –7 –5
1
5
9
–3 –1
3
VOS (µV)
LTC6078MS8
VS = 3V
VCM = 0.5V
TA = 25°C
TIME (5s/DIV)
60789 G09
VS = 5V
VCM = 0.5V
VCM (V)
0
400
300
200
100
–0
–100
–200
–300
–400
4
1
2
3
5
60789 G07
VS = 5V
TA = 125°C
FREQUENCY (Hz)
90
80
70
60
50
40
30
20
10
0
1
100
1k
100k
60789 G08
10
10k
VS = 5V
VCM = 0.5V
VS = 3V
VCM = 0.5V
TEMPERATURE (
°C)
0
180
160
140
100
120
20
40
60
80
0
100
60789 G05
25
50
75
125
VS = 5V
VCM = 2.5V
VCM (V)
0
30
24
18
12
6
–0
–6
–12
–18
–24
–30
4
1
2
3
5
60789 G06
VS = 5V
TA = 70°C
TA = 85°C
µV/°C
50
45
40
30
35
25
20
15
10
5
0
60789 G04
–0.8
0.6
–0.6 –0.4
0
0.4
0.8
–0.2
0.2
LTC6078MS8
VS = 3V
VCM = 0.5V
TA = –40°C TO 125°C
VCM (V)
0
1.5
2.5
60789 G03
0.5 1.0
2.0
3.5
4.5
4.0
100
40
20
80
60
0
–20
–100
–40
–60
–80
5.0
3.0
VS = 5V
TA = 25°C
REPRESENTATIVE PARTS
VCM (V)
0
1.5
2.5
60789 G02
0.5
1.0
2.0
40
30
20
10
0
–10
–20
–30
–40
3.0
VS = 3V
TA = 25°C
REPRESENTATIVE PARTS
VOS Drift Distribution
Input Bias vs Temperature
Input Bias vs VCM
Input Bias vs VCM
Voltage Noise Spectrum
0.1Hz to 10Hz Output Voltage
Noise
VOS Distribution
VOS vs VCM
VOS vs VCM
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC6079HGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
More results

Similar Description - LTC6079HGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com