Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS3L02AS5 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS3L02AS5
Description  MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS5 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS3L02AS5 Datasheet HTML 6Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 7Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 8Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 9Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 10Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 11Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 12Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 13Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LIS3L02AS5
4 Application hints
11/14
Table 5.
Filter Capacitor Selection, Cload (x,y,z).
4.1
Soldering information
The SO24 package is lead free qualified for soldering heat resistance according to JEDEC J-
STD-020C.
4.2
Output response vs orientation
Figure 4.
Output response vs orientation
Figure 4 refers to LIS3L02AS5 device powered at 5.0V
Cut-off frequency
Capacitor value
1 Hz
1500 nF
10 Hz
150 nF
20 Hz
68 nF
50 Hz
30 nF
100 Hz
15 nF
200 Hz
6.8 nF
500 Hz
3 nF
X=2.50V (0g)
Y=2.50V (0g)
Z=3.50V (+1g)
X=2.50V (0g)
Y=2.50V (0g)
Z=1.50V (-1g)
TOP VIEW
X=3.50V (+1g)
Y=2.50V (0g)
Earth’s Surface
X=1.50V (-1g)
Y=2.50V (0 g)
X=2.50V (0g)
Y=1.50V (-1g)
X=2.50V (0g)
Y=3.50V (+1g)
Z=2.50V (0g)
Z=2.50V (0g)
Z=2.50V (0g)
Z=2.50V (0g)
Top
Top
Bottom
Bottom


Similar Part No. - LIS3L02AS5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AS STMICROELECTRONICS-LIS3L02AS Datasheet
80Kb / 7P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
LIS3L02AS4 STMICROELECTRONICS-LIS3L02AS4 Datasheet
245Kb / 14P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS3L02AS4TR STMICROELECTRONICS-LIS3L02AS4TR Datasheet
245Kb / 14P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
More results

Similar Description - LIS3L02AS5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AQ5 STMICROELECTRONICS-LIS3L02AQ5 Datasheet
199Kb / 15P
   MEMS INERTIAL SENSOR: 3-axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS3L02AS4 STMICROELECTRONICS-LIS3L02AS4 Datasheet
245Kb / 14P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
LIS2L02AS4 STMICROELECTRONICS-LIS2L02AS4 Datasheet
231Kb / 14P
   MEMS INERTIAL SENSOR: 2-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS2L02AQ3 STMICROELECTRONICS-LIS2L02AQ3 Datasheet
227Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com