Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8050 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SS8050
Description  2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS8050 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SS8050 Datasheet HTML 1Page - Fairchild Semiconductor SS8050 Datasheet HTML 2Page - Fairchild Semiconductor SS8050 Datasheet HTML 3Page - Fairchild Semiconductor SS8050 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. B2, August 2004
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
1.5
A
PC
Collector Power Dissipation
1
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=100µA, IE=0
40
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=2mA, IB=0
25
V
BVEBO
Emitter-Base Breakdown Voltage
IE=100µA, IC=0
6
V
ICBO
Collector Cut-off Current
VCB=35V, IE=0
100
nA
IEBO
Emitter Cut-off Current
VEB=6V, IC=0
100
nA
hFE1
hFE2
hFE3
DC Current Gain
VCE=1V, IC=5mA
VCE=1V, IC=100mA
VCE=1V, IC=800mA
45
85
40
300
VCE (sat)
Collector-Emitter Saturation Voltage
IC=800mA, IB=80mA
0.5
V
VBE (sat)
Base-Emitter Saturation Voltage
IC=800mA, IB=80mA
1.2
V
VBE (on)
Base-Emitter On Voltage
VCE=1V, IC=10mA
1
V
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
9.0
pF
fT
Current Gain Bandwidth Product
VCE=10V, IC=50mA
100
MHz
Classification
B
C
D
hFE2
85 ~ 160
120 ~ 200
160 ~ 300
SS8050
2W Output Amplifier of Portable Radios in
Class B Push-pull Operation.
• Complimentary to SS8550
• Collector Current: IC=1.5A
• Collector Power Dissipation: PC=2W (TC=25°C)
1. Emitter 2. Base 3. Collector
TO-92
1


Similar Part No. - SS8050

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
   TRANSISTOR (NPN)
logo
Nanjing International G...
SS8050 DGNJDZ-SS8050 Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
SS8050 DGNJDZ-SS8050 Datasheet
513Kb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Shenzhen Luguang Electr...
SS8050 LUGUANG-SS8050 Datasheet
1Mb / 3P
   Silicon Epitaxial Planar Transistor
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
   2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
More results

Similar Description - SS8050

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8550 FAIRCHILD-SS8550 Datasheet
41Kb / 4P
   2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
   2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
SS8550CBU FAIRCHILD-SS8550CBU Datasheet
353Kb / 3P
   SS8550 2W Output Amplifier of Portable Radios in Class B Push-pull Operation
logo
List of Unclassifed Man...
C8550 ETC-C8550 Datasheet
47Kb / 1P
   Transistors 2WOUTPUT AMPLIFIER OF PORTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
E-Tech Electronics LTD
G8050 ETL-G8050 Datasheet
138Kb / 2P
   The G8050 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
G8550 ETL-G8550 Datasheet
138Kb / 2P
   The G8550 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
G8551 ETL-G8551 Datasheet
143Kb / 2P
   The G8551 is designed for use in 2W output amplifier of portable radios in class B push-pull operation.
G8051 ETL-G8051 Datasheet
143Kb / 2P
   The G8051 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
logo
Unisonic Technologies
9013 UTC-9013_11 Datasheet
94Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
List of Unclassifed Man...
2SA9012 ETC-2SA9012 Datasheet
74Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH PULL OPERATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com