Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT50M38JLL Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT50M38JLL
Description  POWER MOS 7 R MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50M38JLL Datasheet(HTML) 4 Page - Microsemi Corporation

  APT50M38JLL Datasheet HTML 1Page - Microsemi Corporation APT50M38JLL Datasheet HTML 2Page - Microsemi Corporation APT50M38JLL Datasheet HTML 3Page - Microsemi Corporation APT50M38JLL Datasheet HTML 4Page - Microsemi Corporation APT50M38JLL Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT50M38JLL
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11,CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Qg, TOTAL GATE CHARGE (nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE
1
10
100
500
0
10
20
30
40
50
0
50
100 150 200 250 300 350 400
0.3
0.5
0.7
0.9
1.1
1.3
1.5
352
100
10
1
16
12
8
4
0
40,000
10,000
1,000
100
10
400
100
10
1
Crss
Coss
Ciss
TC =+25°C
TJ =+150°C
SINGLE PULSE
OPERATION HERE
LIMITED BY RDS (ON)
10mS
VDS=250V
VDS=100V
VDS=400V
I
D = 88A
1mS
100µS
TJ =+150°C
TJ =+25°C
I
D (A)
I
D (A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
ID (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
V
DD
= 333V
R
G
= 5
T
J
= 125°C
L = 100µH
Eon
Eoff
tr
tf
20
40
60
80
100
120
140
20
40
60
80
100
120
140
20
40
60
80
100
120
140
0
5
10
15
20
V
DD = 333V
I
D = 88A
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery.
td(on)
td(off)
Eon
Eoff
140
120
100
80
60
40
20
0
3500
3000
2500
2000
1500
1000
500
0
V
DD = 333V
R
G = 5Ω
T
J = 125°C
L = 100µH
V
DD = 333V
R
G = 5Ω
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery.
120
100
80
60
40
20
0
3500
3000
2500
2000
1500
1000
500
0


Similar Part No. - APT50M38JLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50M38JLL ADPOW-APT50M38JLL Datasheet
61Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Inchange Semiconductor ...
APT50M38JLL ISC-APT50M38JLL Datasheet
533Kb / 3P
   N-Channel MOSFET
More results

Similar Description - APT50M38JLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30M36B2LL ADPOW-APT30M36B2LL_04 Datasheet
169Kb / 5P
   POWER MOS 7 R MOSFET
logo
Microsemi Corporation
APT50M50L2LL MICROSEMI-APT50M50L2LL_04 Datasheet
98Kb / 5P
   POWER MOS 7 R MOSFET
logo
Advanced Power Technolo...
APT50M75JLL ADPOW-APT50M75JLL_04 Datasheet
168Kb / 5P
   POWER MOS 7 R MOSFET
APT30M30JLL ADPOW-APT30M30JLL_04 Datasheet
150Kb / 5P
   POWER MOS 7 R MOSFET
APT30M61BLL ADPOW-APT30M61BLL_04 Datasheet
104Kb / 5P
   POWER MOS 7 R MOSFET
APT50M65B2LL ADPOW-APT50M65B2LL_04 Datasheet
101Kb / 5P
   POWER MOS 7 R MOSFET
APT50M65JLL ADPOW-APT50M65JLL_03 Datasheet
103Kb / 5P
   POWER MOS 7 R MOSFET
APT50M75B2LL ADPOW-APT50M75B2LL_04 Datasheet
166Kb / 5P
   POWER MOS 7 R MOSFET
APT60M75L2LL ADPOW-APT60M75L2LL_04 Datasheet
155Kb / 5P
   POWER MOS 7 R MOSFET
APT30M17JLL ADPOW-APT30M17JLL_04 Datasheet
168Kb / 5P
   POWER MOS 7 R MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com