Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGF1K Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RGF1K
Description  Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RGF1K Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RGF1K Datasheet HTML 1Page - Fairchild Semiconductor RGF1K Datasheet HTML 2Page - Fairchild Semiconductor RGF1K Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RGF1A-RGF1M, Rev. G
2001 Fairchild Semiconductor Corporation
RGF1A - RGF1M
Fast Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Features
Glass passivated junction.
For surface mounted application.
Low forward voltage drop.
High current capability.
Easy pick and place.
High surge current capability.
SMA/DO-214AC
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Device
Units
1A
1B
1D
1G
1J
1K
1M
V
F
Forward Voltage @ 1.0 A
1.3
V
t
rr
Reverse Recovery Time
I
F = 0.5 A, IR = 1.0 A, Irr = 0.25 A
150
250
500
ns
I
R
Reverse Current @ rated V
R
T
A = 25°C
T
A = 125°C
5.0
100
µA
µA
CT
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
8.5
pF
Symbol
Parameter
Value
Units
1A
1B
1D
1G
1J
1K
1M
VRRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
I
F(AV)
Average Rectified Forward Current,
@ T
L = 125°C
1.0
A
IFSM
Non-repetitive Peak Forward Surge
Current
8.3 ms Single Half-Sine-Wave
30
A
T
stg
Storage Temperature Range
-65 to +175
°C
T
J
Operating Junction Temperature
-65 to +175
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
1.76
W
RθJA
Thermal Resistance, Junction to Ambient*
85
°C/W
RθJL
Thermal Resistance, Junction to Lead*
28
°C/W
Thermal Characteristics
*Device mounted on FR-4 PCB 0.013 mm.


Similar Part No. - RGF1K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RGF1K FAIRCHILD-RGF1K Datasheet
99Kb / 4P
   1.0 Ampere Fast Recovery Rectifiers
logo
Vishay Siliconix
RGF1K VISHAY-RGF1K Datasheet
89Kb / 4P
   Surface-Mount Glass Passivated Junction Fast Switching Rectifier
01-Jan-2022
logo
General Semiconductor
RGF1K GE-RGF1K Datasheet
89Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGF1K VISHAY-RGF1K Datasheet
35Kb / 2P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
logo
First Components Intern...
RGF1K FCI-RGF1K Datasheet
141Kb / 2P
   1.0 Amp MEGARECTIFIERS
More results

Similar Description - RGF1K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RS1A FAIRCHILD-RS1A_11 Datasheet
85Kb / 3P
   Fast Rectifiers
UF4003 FAIRCHILD-UF4003 Datasheet
42Kb / 3P
   Fast Rectifiers
logo
SeCoS Halbleitertechnol...
FR101 SECOS-FR101_15 Datasheet
166Kb / 2P
   Fast Rectifiers
logo
Fairchild Semiconductor
ES3A FAIRCHILD-ES3A Datasheet
146Kb / 4P
   Fast Rectifiers
ES2A FAIRCHILD-ES2A_01 Datasheet
51Kb / 3P
   Fast Rectifiers
UF4001 FAIRCHILD-UF4001_01 Datasheet
334Kb / 3P
   Fast Rectifiers
logo
ON Semiconductor
RGF1A ONSEMI-RGF1A Datasheet
144Kb / 5P
   Fast Rectifiers
June, 2020 ??Rev. 1
logo
New Jersey Semi-Conduct...
1N4147 NJSEMI-1N4147 Datasheet
91Kb / 1P
   Fast Rectifiers
logo
Fairchild Semiconductor
UF4001 FAIRCHILD-UF4001_05 Datasheet
42Kb / 3P
   Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N5318 NJSEMI-1N5318 Datasheet
78Kb / 1P
   Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com