Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QVE00112 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QVE00112
Description  OPTOLOGIC OPTICAL INTERRUPTER SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QVE00112 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QVE00112 Datasheet HTML 1Page - Fairchild Semiconductor QVE00112 Datasheet HTML 2Page - Fairchild Semiconductor QVE00112 Datasheet HTML 3Page - Fairchild Semiconductor QVE00112 Datasheet HTML 4Page - Fairchild Semiconductor QVE00112 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6/10/04
Page 2 of 5
© 2004 Fairchild Semiconductor Corporation
OPTOLOGIC® OPTICAL
INTERRUPTER SWITCH
QVE00112
NOTES (Applies to Max Ratings and Characteristics Tables.)
1. Derate power dissipation linearly 1.67 mW/°C above 25°C.
2. Derate power dissipation linearly 2.50 mW/°C above 25°C.
3. RMA flux is recommended.
4. Methanol or isopropyl alcohols are recommended as cleaning agents.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Units
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +85
°C
Soldering Temperature (Iron)(2,3,4)
TSOL-I
240 for 5 sec
°C
EMITTER
Continuous Forward Current
IF
50
mA
Reverse Voltage
VR
5V
Power Dissipation(1)
PD
100
mW
SENSOR
Output Current
IO
50
mA
Supply Voltage
VCC
16
V
Output Voltage
VD
30
V
Power Dissipation(2)
PD
150
mW
ELECTRICAL/OPTICAL CHARACTERISTICS (TA =25°C)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Operating Supply Voltage
VCC
4.5
5.5
V
INPUT DIODE
Forward Voltage
IF = 20 mA
VF
——
1.7
V
Reverse Leakage Current
VR = 5 V
IR
——
10
µA
COUPLED
Operating Supply Current
VCC = 16 V
ICC
——
12
mA
Low Level Output Voltage
VCC = 5 V, RL = 360 Ω
VOL
0.4
V
High Level Output Current
VCC = 5 V, VOH = 30 V (Light Path Blocked)
IOH
——
100
µA
Hysteresis Ratio
1.2
Propagation Delay
VCC = 5 V, RL = 360 Ω
tPLH, tPHL
—5—
µs
Output Rise and Fall Time
VCC = 5 V, RL = 360 Ω
tr, tf
—70—
ns


Similar Part No. - QVE00112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
More results

Similar Description - QVE00112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22L FAIRCHILD-H22L_04 Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
322Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB_04 Datasheet
148Kb / 9P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
191Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00120 FAIRCHILD-QVE00120 Datasheet
146Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21L FAIRCHILD-H21L Datasheet
303Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com