Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QVE00112 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # QVE00112
Description  OPTOLOGIC OPTICAL INTERRUPTER SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QVE00112 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  QVE00112_04 Datasheet HTML 1Page - Fairchild Semiconductor QVE00112_04 Datasheet HTML 2Page - Fairchild Semiconductor QVE00112_04 Datasheet HTML 3Page - Fairchild Semiconductor QVE00112_04 Datasheet HTML 4Page - Fairchild Semiconductor QVE00112_04 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6/10/04
Page 3 of 5
© 2004 Fairchild Semiconductor Corporation
OPTOLOGIC® OPTICAL
INTERRUPTER SWITCH
QVE00112
Fig. 3 Supply Current vs. Supply Voltage
2468
10
12
14
16
18
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Fig. 4 Supply Current vs. Supply Voltage
2468
10
12
14
16
18
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Fig. 5 Low Level Output Voltage vs. Supply Voltage
VCC - Supply Voltage (V)
VCC - Supply Voltage (V)
VCC - Supply Voltage (V)
2468
10
12141618
0.10
0.15
0.20
0.25
Optical Path Unblocked
Normalized To:
Optical Path Blocked
RL = 1kΩ, TA = 25˚C
VCC = 5 V, RL = 1kΩ
TA = 25˚C
Optical Path Blocked
Normalized To:
VCC = 5 V, RL = 1kΩ
TA = 25˚C
Fig. 6 Low Level Output Voltage vs. Load Resistance
RL - Load Resistance (K
Ω)
05
10
15
20
25
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
TA = 25˚C
Optical Path Blocked
Fig. 2 Output Voltage vs. Shield Distance (Horizontal)
d-Distance (mm)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
6
Shield Completely
Blocks Aperture
At 0 mm.
RL = 1kΩ, TA = 25˚C
Fig. 1 Output Voltage Vs. Shield Distance (Vertical)
d-Distance (mm)
01
2
3
4
5
6
0
1
2
3
4
5
6
Shield moves vertically:
VCC = 5 V
RL= 1K Ohm
Black Shield
0
d
TA = 25˚C


Similar Part No. - QVE00112_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
More results

Similar Description - QVE00112_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22L FAIRCHILD-H22L_04 Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
322Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB_04 Datasheet
148Kb / 9P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
191Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00120 FAIRCHILD-QVE00120 Datasheet
146Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21L FAIRCHILD-H21L Datasheet
303Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com