Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF84C81 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF84C81
Description  Telecom microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C81 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF84C81 Datasheet HTML 2Page - NXP Semiconductors PCF84C81 Datasheet HTML 3Page - NXP Semiconductors PCF84C81 Datasheet HTML 4Page - NXP Semiconductors PCF84C81 Datasheet HTML 5Page - NXP Semiconductors PCF84C81 Datasheet HTML 6Page - NXP Semiconductors PCF84C81 Datasheet HTML 7Page - NXP Semiconductors PCF84C81 Datasheet HTML 8Page - NXP Semiconductors PCF84C81 Datasheet HTML 9Page - NXP Semiconductors PCF84C81 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1998 Apr 20
6
Philips Semiconductors
Product specification
Telecom microcontroller
PCF84C81A
8
ROM MASK OPTIONS
9
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take
normal precautions appropriate to handling MOS devices. See
“Data Handbook IC14, Section: Handling MOS devices”.
10 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ROM CODE
OPTION
Program/data
Any mix of instructions and data up to ROM size of
8 kbytes.
Port Output
P0.0 to P0.7
standard
open-drain
push-pull
P1.0 to P1.7
standard
open-drain
push-pull
P2.0 to P2.2
standard
open-drain
push-pull
SDA/P2.3
open-drain
Port State after reset
P0.0 to P0.7
set
reset
P1.0 to P1.7
set
reset
P2.0 to P2.2
set
reset
SDA/P2.3
set
−−
Oscillator
Transconductance
LOW (gmL)
MEDIUM (gmM)
HIGH (gmH)
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+7
V
VI
all input voltages
−0.5
VDD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current except Port 1 output LOW
−10
+10
mA
IO
DC output current, Port 1 output LOW
−10
+20
mA
Ptot
total power dissipation
125
mW
PO
power dissipation per output
30
mW
IDD
supply current
−50
+50
mA
ISS
ground supply current
−100
+50
mA
Tstg
storage temperature range
−55
+150
°C
Tj
operating junction temperature
90
°C


Similar Part No. - PCF84C81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C81 PHILIPS-PCF84C81 Datasheet
161Kb / 20P
   Telecom microcontrollers
1996 Nov 20
PCF84C81A PHILIPS-PCF84C81A Datasheet
161Kb / 20P
   Telecom microcontrollers
1996 Nov 20
PCF84C81AP PHILIPS-PCF84C81AP Datasheet
161Kb / 20P
   Telecom microcontrollers
1996 Nov 20
PCF84C81AT PHILIPS-PCF84C81AT Datasheet
161Kb / 20P
   Telecom microcontrollers
1996 Nov 20
More results

Similar Description - PCF84C81

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0501013 PST-FAB0501013 Datasheet
209Kb / 3P
   Telecom
logo
NXP Semiconductors
PCF84C21A PHILIPS-PCF84C21A Datasheet
161Kb / 20P
   Telecom microcontrollers
1996 Nov 20
logo
Micross Components
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
   Telecom Infrastructure
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
   Telecom Infrastructure
logo
Analog Devices
HMC459 AD-HMC459 Datasheet
397Kb / 8P
   Telecom Infrastructure
logo
Micross Components
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
   Telecom Infrastructure
logo
AIT Components Ltd.
EFD12 AITCOMPONENTS-EFD12 Datasheet
607Kb / 1P
   TELECOM TRANSFORMERS
logo
Micross Components
HMC322 MICROSS-HMC322 Datasheet
822Kb / 9P
   Telecom Infrastructure
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
   Telecom Relay
logo
Micross Components
HMC240A MICROSS-HMC240A Datasheet
878Kb / 9P
   Telecom Infrastructure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com