Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF84C21A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF84C21A
Description  Telecom microcontrollers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C21A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF84C21A Datasheet HTML 4Page - NXP Semiconductors PCF84C21A Datasheet HTML 5Page - NXP Semiconductors PCF84C21A Datasheet HTML 6Page - NXP Semiconductors PCF84C21A Datasheet HTML 7Page - NXP Semiconductors PCF84C21A Datasheet HTML 8Page - NXP Semiconductors PCF84C21A Datasheet HTML 9Page - NXP Semiconductors PCF84C21A Datasheet HTML 10Page - NXP Semiconductors PCF84C21A Datasheet HTML 11Page - NXP Semiconductors PCF84C21A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Nov 20
8
Philips Semiconductors
Product specification
Telecom microcontrollers
PCF84C21A; PCF84C41A;
PCF84C81A
Fig.3
Maximum clock frequency as a function of
operating supply voltage (VDD).
handbook, halfpage
1
18
12
6
0
357
MBC953 - 1
V DD (V)
f xtal
(MHz)
guaranteed
operating range
Fig.4
Typical operating supply current (IDD) as a
function of operating supply voltage (VDD).
handbook, halfpage
1
3
2
1
0
357
MLA712
VDD (V)
(mA)
3.58 MHz
10 MHz
16 MHz
IDD
Supply current based on optimal oscillator selection.
Fig.5
Typical operating supply current (IDD) as a
function of clock frequency (fxtal).
handbook, halfpage
3
0
1
2
0.1
MLA713 - 1
110
100
(mA)
5 V
3 V
f xtal (MHz)
IDD
Supply current based on optimal oscillator selection.
Fig.6
Typical supply current in Idle mode (IDD(idle))
as a function of operating supply voltage
(VDD).
handbook, halfpage
1
1.5
1.0
0.5
0
357
MBB563
VDD (V)
(mA)
16 MHz
10 MHz
3.58 MHz
IDD(idle)
Supply current based on optimal oscillator selection.


Similar Part No. - PCF84C21A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C22A PHILIPS-PCF84C22A Datasheet
127Kb / 16P
   8-bit microcontrollers
1996 Nov 20
PCF84C22AP PHILIPS-PCF84C22AP Datasheet
127Kb / 16P
   8-bit microcontrollers
1996 Nov 20
PCF84C22AT PHILIPS-PCF84C22AT Datasheet
127Kb / 16P
   8-bit microcontrollers
1996 Nov 20
More results

Similar Description - PCF84C21A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3341A PHILIPS-PCD3341A Datasheet
1Mb / 28P
   8-Bit telecom microcontrollers
1996 May 09
logo
Power System Technology
FAB0501013 PST-FAB0501013 Datasheet
209Kb / 3P
   Telecom
logo
NXP Semiconductors
PCF84C81A PHILIPS-PCF84C81A Datasheet
111Kb / 20P
   Telecom microcontroller
1998 Apr 20
logo
Micross Components
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
   Telecom Infrastructure
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
   Telecom Infrastructure
logo
Analog Devices
HMC459 AD-HMC459 Datasheet
397Kb / 8P
   Telecom Infrastructure
logo
Micross Components
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
   Telecom Infrastructure
logo
AIT Components Ltd.
EFD12 AITCOMPONENTS-EFD12 Datasheet
607Kb / 1P
   TELECOM TRANSFORMERS
logo
Micross Components
HMC322 MICROSS-HMC322 Datasheet
822Kb / 9P
   Telecom Infrastructure
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
   Telecom Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com