Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6032 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6032
Description  0.9 uA, High Precision Op Amps
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6032 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6032 Datasheet HTML 1Page - Microchip Technology MCP6032 Datasheet HTML 2Page - Microchip Technology MCP6032 Datasheet HTML 3Page - Microchip Technology MCP6032 Datasheet HTML 4Page - Microchip Technology MCP6032 Datasheet HTML 5Page - Microchip Technology MCP6032 Datasheet HTML 6Page - Microchip Technology MCP6032 Datasheet HTML 7Page - Microchip Technology MCP6032 Datasheet HTML 8Page - Microchip Technology MCP6032 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MCP6031/2/3/4
DS22041A-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD – VSS ........................................................................7.0V
Current at Analog Input Pins (VIN+, VIN-). .....................±2 mA
Analog Inputs (VIN+, VIN-)††........... VSS – 1.0V to VDD + 1.0V
All Other Inputs and Outputs ......... VSS – 0.3V to VDD + 0.3V
Difference Input Voltage ...................................... |VDD – VSS|
Output Short-Circuit Current .................................continuous
Current at Input Pins ....................................................±2 mA
Current at Output and Supply Pins ............................±30 mA
Storage Temperature.....................................-65°C to +150°C
Maximum Junction Temperature (TJ)..........................+150°C
ESD protection on all pins (HBM; MM)
................ ≥ 4 kV; 400V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other conditions
above those indicated in the operational listings of this
specification is not implied. Exposure to maximum rat-
ing conditions for extended periods may affect device
reliability.
†† See Section 4.1.2 “Input Voltage and Current
Limits”
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND,
VCM = VDD/2, VOUT ≈ VDD/2, VL = VDD/2 and RL = 1 MΩ to VL (Refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-150
+150
µV
VDD = 3.0V, VCM = VDD/3
Input Offset Drift with Temperature
ΔVOS/ΔTA
±3.0
µV/°C TA= -40°C to +125°C,
VDD = 3.0V, VCM = VDD/3
Power Supply Rejection Ratio
PSRR
70
88
dB
VCM = VSS
Input Bias Current and Impedance
Input Bias Current
IB
±1.0
100
pA
IB
—60
pA
TA = +85°C
IB
2000
5000
pA
TA = +125°C
Input Offset Current
IOS
±1.0
pA
Common Mode Input Impedance
ZCM
—1013||6
Ω||pF
Differential Input Impedance
ZDIFF
—1013||6
Ω||pF
Common Mode
Common Mode Input Voltage
Range
VCMR
VSS − 0.3
VDD +
0.3
V
Common Mode Rejection Ratio
CMRR
70
95
dB
VCM = -0.3V to 2.1V,
VDD = 1.8V
72
93
dB
VCM = -0.3V to 5.8V,
VDD = 5.5V
70
89
dB
VCM = 2.75V to 5.8V,
VDD = 5.5V
72
93
dB
VCM = -0.3V to 2.75V,
VDD = 5.5V
Open-Loop Gain
DC Open-Loop Gain
(Large Signal)
AOL
95
115
dB
0.2V < VOUT < (VDD – 0.2V)
RL = 50 kΩ to VL


Similar Part No. - MCP6032

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6032 MICROCHIP-MCP6032 Datasheet
660Kb / 34P
   0.9 關A, High Precision Op Amps
2008
MCP6032-E/MC MICROCHIP-MCP6032-E/MC Datasheet
660Kb / 34P
   0.9 關A, High Precision Op Amps
2008
MCP6032-E/MS MICROCHIP-MCP6032-E/MS Datasheet
660Kb / 34P
   0.9 關A, High Precision Op Amps
2008
MCP6032-E/OT MICROCHIP-MCP6032-E/OT Datasheet
660Kb / 34P
   0.9 關A, High Precision Op Amps
2008
MCP6032-E/SL MICROCHIP-MCP6032-E/SL Datasheet
660Kb / 34P
   0.9 關A, High Precision Op Amps
2008
More results

Similar Description - MCP6032

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071_10 Datasheet
1Mb / 40P
   110 uA, High Precision Op Amps
2010
MCP6031 MICROCHIP-MCP6031_08 Datasheet
660Kb / 34P
   0.9 關A, High Precision Op Amps
2008
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
   110 μA, High Precision Op Amps
Revision C November 2021
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
   Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
logo
Linear Technology
RH1028M LINER-RH1028M Datasheet
149Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
logo
Linear Technology
LT1028 LINER-LT1028_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
logo
Microchip Technology
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
   60 關A, High Precision Op Amps
08/04/10
logo
Linear Technology
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com