Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF84C00B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF84C00B
Description  8-bit microcontroller with I2C-bus interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C00B Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF84C00B Datasheet HTML 1Page - NXP Semiconductors PCF84C00B Datasheet HTML 2Page - NXP Semiconductors PCF84C00B Datasheet HTML 3Page - NXP Semiconductors PCF84C00B Datasheet HTML 4Page - NXP Semiconductors PCF84C00B Datasheet HTML 5Page - NXP Semiconductors PCF84C00B Datasheet HTML 6Page - NXP Semiconductors PCF84C00B Datasheet HTML 7Page - NXP Semiconductors PCF84C00B Datasheet HTML 8Page - NXP Semiconductors PCF84C00B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1996 Nov 25
5
Philips Semiconductors
Product specification
8-bit microcontroller with I2C-bus interface
PCF84C00
MGG402
13
8
PSEN
D0-D7
A0-A12
Fig.2
Replacement of dotted section in Fig.1, for
the PCF84C00B ‘piggy-back’ version.
k, full pagewidth
13
8
PSEN
DXALE
DXRD
DXWR
EXDI
D0-D7
A0-A12
Fig.3
Replacement of dotted section in Fig.1, for
the PCF84C00T ROM-less version.
5
PINNING
Table 1
PCF84C00B (see Fig.4)
SYMBOL
PIN
TYPE
DESCRIPTION
P2.2
1
I/O
1 bit of Port 2: 4-bit quasi-bidirectional I/O port
SDA/P2.3
2
I/O
bidirectional data line of the I2C-bus interface; or 1 bit of Port 2: 4-bit
quasi-bidirectional I/O line
SCLK
3
I/O
bidirectional clock line of the I2C-bus interface
P0.0 to P0.7
4 to 11
I/O
8 bits of Port 0: 8-bit quasi-bidirectional I/O port
INT/T0
12
I
Interrupt/Test 0: external interrupt input (negative edge triggered)/test input
pin. When used as a test input, this pin is directly tested by conditional branch
instructions JT0 and JNT0.
T1
13
I
Test 1: test input pin, directly tested by conditional branch instructions JT1 and
JNT1. T1 may also be selected as an input to the 8-bit timer/event counter via
the STRT CNT instruction.
VSS
14
P
ground: circuit earth potential
XTAL1
15
I
oscillator input: input from a crystal which determines the internal oscillator
frequency or an external clock generator
XTAL2
16
I/O
oscillator output: output of the inverting amplifier
RESET
17
I/O
reset input: used to initialize the microcontroller (active HIGH); also output of
power-on-reset circuit
P1.0 to P1.7
18 to 25
I/O
8 bits of Port 1: 8-bit quasi-bidirectional I/O port
P2.0 to P2.1
26, 27
I/O
2 bits of Port 2: 4-bit quasi-bidirectional I/O port
VDD
28
P
power supply: 2.5 V to 5.5 V


Similar Part No. - PCF84C00B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
PCF84C12A PHILIPS-PCF84C12A Datasheet
127Kb / 16P
   8-bit microcontrollers
1996 Nov 20
PCF84C12AP PHILIPS-PCF84C12AP Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
PCF84C12AP PHILIPS-PCF84C12AP Datasheet
127Kb / 16P
   8-bit microcontrollers
1996 Nov 20
PCF84C12AT PHILIPS-PCF84C12AT Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
More results

Similar Description - PCF84C00B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51IC2 ATMEL-T89C51IC2 Datasheet
171Kb / 10P
   8-bit Microcontroller with Flash and I2C Interface
logo
NXP Semiconductors
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
   1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com