Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN2222A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # PN2222A
Description  NPN General Purpose Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN2222A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  PN2222A Datasheet HTML 1Page - Fairchild Semiconductor PN2222A Datasheet HTML 2Page - Fairchild Semiconductor PN2222A Datasheet HTML 3Page - Fairchild Semiconductor PN2222A Datasheet HTML 4Page - Fairchild Semiconductor PN2222A Datasheet HTML 5Page - Fairchild Semiconductor PN2222A Datasheet HTML 6Page - Fairchild Semiconductor PN2222A Datasheet HTML 7Page - Fairchild Semiconductor PN2222A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A1, August 2004
Typical Characteristics
Figure 1. Typical Pulsed Current Gain
vs Collector Current
Figure 2. Collector-Emitter Saturation Voltage
vs Collector Current
Figure 3. Base-Emitter Saturation Voltage
vs Collector Current
Figure 4. Base-Emitter On Voltage
vs Collector Current
Figure 5. Collector Cutoff Current
vs Ambient Temperature
Figure 6. Emitter Transition and Output Capacitance
vs Reverse Bias Voltage
0.1
0.3
1
3
10
30
100
300
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5V
CE
1
10
100
500
0.1
0.2
0.3
0.4
I
- COLLECTOR CURRENT (mA)
25 캜
C
ββββ = 10
125 캜
- 40 캜
°C
°C
°C
1
10
100
500
0.4
0.6
0.8
1
I
- CO LLECTO R CURRENT (m A)
C
ββββ = 10
25 캜
125 캜
- 40 캜
°C
°C
°C
IC
0.1
1
10
25
0.2
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
V
= 5V
CE
25 °C
125 °C
- 40 °C
IC
25
50
75
100
125
150
0.1
1
10
100
500
T - AMBIENT TEMPERATURE ( C)
A
V
= 40V
CB
°
0.1
1
10
100
4
8
12
16
20
REVERSE BIAS VOLTAGE (V)
f = 1 MHz
C ob
C te


Similar Part No. - PN2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2222A PHILIPS-PN2222A Datasheet
45Kb / 8P
   NPN switching transistor
1999 May 21
logo
AUK corp
PN2222A AUK-PN2222A Datasheet
65Kb / 3P
   NPN Silicon Transistor
logo
Unisonic Technologies
PN2222A UTC-PN2222A Datasheet
241Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
logo
STMicroelectronics
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Diotec Semiconductor
PN2222A DIOTEC-PN2222A Datasheet
97Kb / 2P
   Si-Epi-Planar Switching Transistors Si-Epi-Planar Schalttransistoren
More results

Similar Description - PN2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com