Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT200 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MMBT200
Description  PNP General Purpose Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBT200 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MMBT200 Datasheet HTML 1Page - Fairchild Semiconductor MMBT200 Datasheet HTML 2Page - Fairchild Semiconductor MMBT200 Datasheet HTML 3Page - Fairchild Semiconductor MMBT200 Datasheet HTML 4Page - Fairchild Semiconductor MMBT200 Datasheet HTML 5Page - Fairchild Semiconductor MMBT200 Datasheet HTML 6Page - Fairchild Semiconductor MMBT200 Datasheet HTML 7Page - Fairchild Semiconductor MMBT200 Datasheet HTML 8Page - Fairchild Semiconductor MMBT200 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Typical Characteristics (continued)
PNP General Purpose Amplifier
(continued)
Collector Saturation Region
100
300
700
2000 4000
0
1
2
3
4
I - BASE CURRENT (uA)
B
50 mA
300 mA
100 uA
Ta = 25°C
Ic =
Collector-Emitter Breakdown
Voltage with Resistance
Between Emitter-Base
0.1
1
10
100
1000
70
75
80
85
90
95
RESISTANCE (k )
Input and Output Capacitance
vs Reverse Voltage
0.1
1
10
100
10
100
V
- COLLECTOR VOLTAGE (V)
Cib
Cob
f = 1.0 MHz
CE
Collector-Cutoff Curre nt
vs Ambient Temperature
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIE NT TEMP ERATURE ( C)
A
°
V
= 50V
CB
Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
300
0
0.2
0.4
0.6
0.8
1
1.2
I - COLLECTOR CURRE NT (mA)
C
β = 10
25
°C
- 40
°C
125
°C
Base Emitter ON Voltage vs
Collector Current
0.1
1
10
100 200
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRE NT (mA)
C
V
= 5V
CE
25
°C
- 40
°C
125
°C


Similar Part No. - MMBT200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBT200 FAIRCHILD-MMBT200 Datasheet
51Kb / 4P
   PNP General Purpose Amplifier
MMBT200 FAIRCHILD-MMBT200 Datasheet
883Kb / 12P
   PNP General Purpose Amplifier
MMBT200A FAIRCHILD-MMBT200A Datasheet
51Kb / 4P
   PNP General Purpose Amplifier
MMBT200A FAIRCHILD-MMBT200A Datasheet
883Kb / 12P
   PNP General Purpose Amplifier
More results

Similar Description - MMBT200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com