Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN6717A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # TN6717A
Description  NPN General Purpose Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TN6717A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TN6717A Datasheet HTML 1Page - Fairchild Semiconductor TN6717A Datasheet HTML 2Page - Fairchild Semiconductor TN6717A Datasheet HTML 3Page - Fairchild Semiconductor TN6717A Datasheet HTML 4Page - Fairchild Semiconductor TN6717A Datasheet HTML 5Page - Fairchild Semiconductor TN6717A Datasheet HTML 6Page - Fairchild Semiconductor TN6717A Datasheet HTML 7Page - Fairchild Semiconductor TN6717A Datasheet HTML 8Page - Fairchild Semiconductor TN6717A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Typical Characteristics (continued)
Gain Bandwidth Product
vs Collector Current
1
10
100
1000
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
V
= 10V
CE
Collector-Base Capacitance
vs Collector-Base Voltage
0
4
8
12
16
20
24
28
0
10
20
30
40
V
- COLLECTOR-BASE VOLTAGE (V)
CB
f = 1 MHz
Safe Operating Area TO-226 / SOT-223
110
100
0.01
0.1
1
10
V
- COLLECTOR-EMITTER VOLTAGE (V)
CE
*PULSED
OPERATION
T
= 25 °C
A
LIMIT DETERMINED
BY BV CEO
DC
T
=
25 °C
COL
LEC
TO
R LE
AD
DC
T
= 25
°C
AM
BIE
NT
100 µ
S*
10 µ
S*
1.
0 m
s*
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
150
0.1
1
10
100
T
- AM BIENT TE MPE RATURE ( C)
A
°
V
= 80V
CB
Base-Emitter Saturation
Voltage vs Collector Current
1
10
100
1000
0.2
0.4
0.6
0.8
1
1.2
I
- COLLECTOR CURRENT ( mA)
C
β = 10
125 °C
- 40 °C
25 °C
Base-Emitter ON Voltage vs
Collector Current
0.001
0.01
0.1
1
0.2
0.4
0.6
0.8
1
I
- COLLE CTOR CURRENT (A)
125 °C
- 40 °C
25 °C
C
V
= 5V
CE
NPN General Purpose Amplifier
(continued)


Similar Part No. - TN6717A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TN6717A FAIRCHILD-TN6717A Datasheet
114Kb / 4P
   NPN General Purpose Amplifier
More results

Similar Description - TN6717A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com