Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZU04P6X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7WZU04P6X
Description  TinyLogic UHS Dual Unbuffered Inverter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZU04P6X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7WZU04P6X Datasheet HTML 1Page - Fairchild Semiconductor NC7WZU04P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7WZU04P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7WZU04P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7WZU04P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7WZU04P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7WZU04P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7WZU04P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7WZU04P6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.fairchildsemi.com
NC7WZU04 Rev. 1.0.3
DC Electrical Characteristics
Symbol
Parameter
Conditions
VCC (V)
TA =
Units
+25°C
-40°C to +85°C
Min
Typ
Max
Min
Max
VIH
HIGH Level
Input Voltage
1.8 to 2.7
0.85 VCC
0.85 VCC
V
3.0 to 5.5
0.8 VCC
0.8 VCC
VIL
LOW Level
Input Voltage
1.8 to 2.7
0.15 VCC
0.15 VCC
V
3.0 to 5.5
0.2 VCC
0.2 VCC
VOH
HIGH Level
Output Voltage
VIN = VIL
IOH = -100µA
1.65
1.55
1.65
1.55
V
1.8
1.6
1.79
1.6
2.3
2.1
2.29
2.1
3.0
2.7
2.99
2.7
4.5
4.0
4.48
4.0
VIN = GND
IOH = -2mA
1.65
1.29
1.52
1.29
V
IOH = -2mA
2.3
1.9
2.19
1.9
IOH = -4mA
3.0
2.4
2.82
2.4
IOH = -6mA
3.0
2.3
2.73
2.3
IOH = -8mA
4.5
3.8
4.24
3.8
VOL
LOW Level
Output Voltage
VIN = VIH
IOL = 100µA
1.65
0.01
0.2
0.2
V
1.8
0.01
0.2
0.2
2.3
0.01
0.2
0.2
3.0
0.01
0.3
0.3
4.5
0.01
0.5
0.5
VIN = VCC
IOL = 2mA
1.65
0.10
0.24
0.24
V
IOL = 2mA
2.3
0.12
0.3
0.3
IOL = 4mA
3.0
0.19
0.4
0.4
IOL = 6mA
3.0
0.29
0.55
0.55
IOL = 8mA
4.5
0.29
0.55
0.55
IIN
Input Leakage
Current
VIN = 5.5V, GND
0 to 5.5
±0.1
±1.0
µA
ICC
Quiescent
Supply Current
VIN = 5.5V, GND
1.65 to 5.5
1.0
10
µA
ICCPEAK Peak Supply
Current in
Analog
Operation
VOUT = Open
VIN = Adjust for Peak
ICC Current
1.8
0.2
mA
2.5
2
3.3
5
5.0
15


Similar Part No. - NC7WZU04P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZU04P6X FAIRCHILD-NC7WZU04P6X Datasheet
98Kb / 8P
   TinyLogic UHS Dual Unbuffered Inverter
logo
ON Semiconductor
NC7WZU04P6X ONSEMI-NC7WZU04P6X Datasheet
351Kb / 13P
   TinyLogic UHS Dual Unbuffered Inverter
June 2008 Rev. 1.0.4
NC7WZU04P6X ONSEMI-NC7WZU04P6X Datasheet
325Kb / 12P
   TinyLogic UHS Dual Unbuffered Inverter
April, 2022 - Rev. 4
NC7WZU04P6X-L22347 ONSEMI-NC7WZU04P6X-L22347 Datasheet
325Kb / 12P
   TinyLogic UHS Dual Unbuffered Inverter
April, 2022 - Rev. 4
More results

Similar Description - NC7WZU04P6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZU04 ONSEMI-NC7WZU04_V01 Datasheet
325Kb / 12P
   TinyLogic UHS Dual Unbuffered Inverter
April, 2022 - Rev. 4
NC7WZU04 ONSEMI-NC7WZU04 Datasheet
351Kb / 13P
   TinyLogic UHS Dual Unbuffered Inverter
June 2008 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7WZU04 FAIRCHILD-NC7WZU04 Datasheet
98Kb / 8P
   TinyLogic UHS Dual Unbuffered Inverter
NC7NZU04 FAIRCHILD-NC7NZU04 Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04 Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V02 Datasheet
443Kb / 11P
   TinyLogic UHS Unbuffered Inverter
August, 2023 - Rev. 7
NC7WZ04 ONSEMI-NC7WZ04 Datasheet
563Kb / 9P
   TinyLogic UHS Dual Inverter
October-2017, Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com