Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF5001H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF5001H
Description  POCSAG Paging Decoder
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF5001H Datasheet HTML 4Page - NXP Semiconductors PCF5001H Datasheet HTML 5Page - NXP Semiconductors PCF5001H Datasheet HTML 6Page - NXP Semiconductors PCF5001H Datasheet HTML 7Page - NXP Semiconductors PCF5001H Datasheet HTML 8Page - NXP Semiconductors PCF5001H Datasheet HTML 9Page - NXP Semiconductors PCF5001H Datasheet HTML 10Page - NXP Semiconductors PCF5001H Datasheet HTML 11Page - NXP Semiconductors PCF5001H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1997 Mar 04
8
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
BL
24
8
Battery-low indication output. If the decoder encounters a battery-low
condition a battery-low output latch is set HIGH. The battery-low output
latch may be tested for a battery-low condition, whenever the interface
enable input (IE) is active (HIGH), otherwise the battery-low output is
made high-impedance. The battery-low output latch is reset only, by
switching the decoder to OFF status.
OR
25
9
Out-of-range indication output. Whenever the decoder detects an
out-of-range condition an out-of-range output latch is set HIGH after expiry
of the programmed out-of-range hold-off time selected by means of
special programming (SPF06 and SPF07) of the EEPROM. The
out-of-range latch may be tested for an out-of-range condition, whenever
the interface enable input (IE) is active (HIGH), otherwise the out-of-range
output is made high-impedance. The out-of- range output is reset by
detection of a valid data transmission or by switching the decoder to OFF
status.
DO
26
10
Serial interface data output. During normal decoder operation, accepted
calls and possibly subsequent message data are serially output via this pin
in conjunction with the data strobe output (DS). This pin is also used to
output the EEPROM contents upon special command, if the decoder is
programmed for display pager.
DS
27
11
Serial interface data strobe output. Provides a clock signal for the received
call data and EEPROM data appearing at the data output (DO). Each time
this output is LOW the data at DO is valid. Additional start and stop
conditions allow easy identification of data sequence start and end.
FL
28
12
Frequency reference output. When programmed for ‘display pager’ mode,
this output provides a clock reference with 16384 or 32768 Hz per
second, selected by SPF32. See Chapter 7.
n.c.
2, 7, 20, 21
Not connected.
SYMBOL
PIN
DESCRIPTION
PCF5001T
(SOT136-1)
PCF5001H
(SOT358-1)


Similar Part No. - PCF5001H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
PCF50603HN PHILIPS-PCF50603HN Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
PCF50732 PHILIPS-PCF50732 Datasheet
322Kb / 64P
   Baseband and audio interface for GSM
1999 May 03
PCF50732H PHILIPS-PCF50732H Datasheet
322Kb / 64P
   Baseband and audio interface for GSM
1999 May 03
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
   Power amplifier controller for GSM and PCN systems
1997 Nov 19
More results

Similar Description - PCF5001H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5003 PHILIPS-PCD5003 Datasheet
187Kb / 44P
   Advanced POCSAG Paging Decoder
1997 Jun 24
logo
Seiko Instruments Inc
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
   PAGING DECODER IC (POCSAG)
S-7040D SII-S-7040D Datasheet
1Mb / 25P
   PAGING DECODER IC (POCSAG)
logo
NXP Semiconductors
PCD5002 PHILIPS-PCD5002 Datasheet
203Kb / 48P
   Advanced POCSAG and APOC-1 Paging Decoder
1997 Jun 24
logo
Seiko Instruments Inc
S-70L41B SII-S-70L41B Datasheet
1Mb / 23P
   PAGING DECODER
S-7041B SII-S-7041B Datasheet
1Mb / 21P
   PAGING DECODER
logo
Winbond
W93910 WINBOND-W93910 Datasheet
267Kb / 35P
   ERMES PAGING DECODER
logo
Nippon Precision Circui...
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
   POCSAG Decoder For Pagers
SM8212B NPC-SM8212B Datasheet
167Kb / 32P
   POCSAG Decoder For Multiframe Pagers
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
   POCSAG Decoder For Multiframe Pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com