Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ14P6X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7WZ14P6X
Description  TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ14P6X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7WZ14P6X Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ14P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ14P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ14P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ14P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ14P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ14P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ14P6X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 3)
Note 2: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 7V
DC Input Voltage (VIN)
0.5V to 7V
DC Output Voltage (VOUT)
0.5V to 7V
DC Input Diode Current (IIK)
@ VIN  0.5V
50 mA
DC Output Diode Current (IOK)
@ VOUT  0.5V
50 mA
DC Output Current (IOUT)
r100 mA
DC VCC/GND Current (ICC/IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Junction Temperature under Bias (TJ)
150
qC
Junction Lead Temperature (TL)
(Soldering, 10 seconds)
260
qC
Power Dissipation (PD) @ 85qC
180 mW
Supply Voltage Operating (VCC)
1.65V to 5.5V
Supply Voltage Data Retention (VCC)
1.5V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)0V to VCC
Operating Temperature (TA)
40qC to 85qC
Thermal Resistance (
TJA)350qC/W
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VP
Positive Threshold
1.65
0.6
1.4
0.6
1.4
V
Voltage
1.8
0.7
1.5
0.7
1.5
2.3
1.0
1.8
1.0
1.8
3.0
1.3
2.2
1.3
2.2
4.5
1.9
3.1
1.9
3.1
5.5
2.2
3.6
2.2
3.6
VN
Negative Threshold
1.65
0.2
0.5
0.8
0.2
0.8
V
Voltage
1.8
0.25
0.56
0.9
0.25
0.9
2.3
0.40
0.75
1.15
0.40
1.15
3.0
0.6
0.98
1.5
0.6
1.5
4.5
1.0
1.42
2.0
1.0
2.0
5.5
1.2
1.68
2.3
1.2
2.3
VH
Hysteresis Voltage
1.65
0.1
0.48
0.9
0.1
0.9
V
1.8
0.15
0.51
1.0
0.15
1.0
2.3
0.25
0.62
1.1
0.25
1.1
3.0
0.4
0.76
1.2
0.4
1.2
4.5
0.6
1.01
1.5
0.6
1.5
5.5
0.7
1.20
1.7
0.7
1.7
VOH
HIGH Level Output
1.65
1.55
1.65
1.55
V
VIN VIL IOH 100 PA
Voltage
1.8
1.7
1.8
1.7
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
1.65
1.29
1.52
1.29
IOH
4 mA
2.3
1.9
2.14
1.9
IOH
8 mA
3.0
2.4
2.75
2.4
IOH 16 mA
3.0
2.3
2.62
2.3
IOH 24 mA
4.5
3.8
4.13
3.8
IOH 32 mA


Similar Part No. - NC7WZ14P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ14P6X FAIRCHILD-NC7WZ14P6X Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14P6X FAIRCHILD-NC7WZ14P6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14P6X ONSEMI-NC7WZ14P6X Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ14P6X ONSEMI-NC7WZ14P6X Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
NC7WZ14P6X-L22347 ONSEMI-NC7WZ14P6X-L22347 Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
More results

Similar Description - NC7WZ14P6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14 Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14_V01 Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_06 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ17 FAIRCHILD-NC7WZ17 Datasheet
99Kb / 7P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7SZ14 FAIRCHILD-NC7SZ14_04 Datasheet
157Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7SZ14 FAIRCHILD-NC7SZ14 Datasheet
108Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com