Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB844A Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KB844A
Description  PHOTOCOUPLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB844A Datasheet(HTML) 1 Page - Kingbright Corporation

  KB844A Datasheet HTML 1Page - Kingbright Corporation KB844A Datasheet HTML 2Page - Kingbright Corporation KB844A Datasheet HTML 3Page - Kingbright Corporation KB844A Datasheet HTML 4Page - Kingbright Corporation KB844A Datasheet HTML 5Page - Kingbright Corporation KB844A Datasheet HTML 6Page - Kingbright Corporation KB844A Datasheet HTML 7Page - Kingbright Corporation KB844A Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PHOTOCOUPLER
KB844
SPEC NO: DSAD1536
REV NO: V.5
DATE: MAR/14/2005
PAGE: 1 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: S.H.CHEN
ERP:1205000023
5.Approved by VDE 0884 Teil2(NO:40006364)
(Creepage distance between input and output:7mm or more)
4.Recognized by UL and CUL, file NO. E225308
DESCRIPTION
1.The KB844(4-channel) is optically coupled isolators containing two GaAs light emitting
diode and an NPN silicon phototransistor.
2.The lead pitch is 2.54mm.
APPLICATIONS
1.Computer terminals.
2.Registers, copiers, automatic vending machines.
3.System appliances, measuring instruments.
4.Programmable logic controller.
5.Signal transmission between circuits of different potentials and impedances.
FEATURES
2.High isolation voltage between input and output (Viso=5000 Vr.m.s)
3.Compact dual-in-line package
GENERAL PURPOSE
HIGH ISOLATION VOLTAGE
SINGLE TRANSISTOR TYPE
PHOTOCOUPLER SERIES
1.AC Input
0 Vrms)
KB844:4-channel type
6.RoHS Compliant.


Similar Part No. - KB844A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB8441 KINGBRIGHT-KB8441 Datasheet
178Kb / 9P
   PHOTOCOUPLER
More results

Similar Description - KB844A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
   PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com