Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ14 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7WZ14
Description  TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ14 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7WZ14 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ14 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ14 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ14 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ14 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ14 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ14 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ14 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Tape and Reel Specification
TAPE FORMAT for SC70
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
P6X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-6
8 mm
0.093
0.096
0.138
r 0.004 0.053 r 0.004
0.157
0.315
r 0.004
(2.35)
(2.45)
(3.5
r 0.10)
(1.35
r 0.10)
(4)
(8
r 0.1)


Similar Part No. - NC7WZ14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ14 FAIRCHILD-NC7WZ14 Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14EP6X ONSEMI-NC7WZ14EP6X Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
More results

Similar Description - NC7WZ14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14 Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14_V01 Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_06 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ17 FAIRCHILD-NC7WZ17 Datasheet
99Kb / 7P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7SZ14 FAIRCHILD-NC7SZ14_04 Datasheet
157Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7SZ14 FAIRCHILD-NC7SZ14 Datasheet
108Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com