Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WP08 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7WP08
Description  TinyLogic ULP Dual 2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WP08 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7WP08 Datasheet HTML 1Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 2Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 3Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 4Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 5Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 6Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 7Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 8Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500812
www.fairchildsemi.com
March 2003
Revised January 2005
NC7WP08
TinyLogic
 ULP Dual 2-Input AND Gate
General Description
The
NC7WP08
is
a dual 2-input AND Gate from
Fairchild’s Ultra Low Power (ULP) Series of TinyLogic
.
Ideal for applications where battery life is critical, this prod-
uct is designed for ultra low power consumption within the
VCC operating range of 0.9V to 3.6V VCC.
The internal circuit is composed of a minimum of inverter
stages including the output buffer, to enable ultra low static
and dynamic power.
The NC7WP08 is designed for optimized power and
speed, and is fabricated with an advanced CMOS technol-
ogy to achieve high speed operation while maintaining
extremely low CMOS power dissipation.
Features
s Space saving US8 package
s Ultra small MicroPak
 Pb-Free package
s 0.9V to 3.6V VCC supply operation
s 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
s tPD
2.5 ns typ for 3.0V to 3.6V VCC
5.0 ns typ for 2.3V to 2.7V VCC
6.0 ns typ for 1.65V to 1.95V VCC
7.0 ns typ for 1.40V to 1.60V VCC
11.0 ns typ for 1.10V to 1.30V VCC
27.0 ns typ for 0.90V VCC
s Power-Off high impedance inputs and outputs
s Static Drive (IOH/IOL)
±2.6 mA @ 3.00V V
CC
±2.1 mA @ 2.30V V
CC
±1.5 mA @ 1.65V V
CC
±1.0 mA @ 1.40V V
CC
±0.5 mA @ 1.10V V
CC
±20 µA@ 0.9V V
CC
s Low noise switching using design techniques of
Quiet Series
 noise/EMI reduction circuitry
s Ultra low dynamic power
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Battery Life vs. VCC Supply Voltage
TinyLogic ULP and ULP-A with up to 50% less power consumption can
extend your battery life significantly.
Battery Life
= (V
battery *Ibattery*.9) / (Pdevice) / 24hrs/day
Where, Pdevice = (ICC * VCC) + (CPD + CL) * VCC
2 * f
Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and
derated 90% and device frequency at 10MHz, with CL = 15 pF load
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MIcroPak
 and Quiet Series are trademarks of Fairchild Semiconductor Corporation.
Order Number
Product
Package Description
Supplied As
Package
Code
Number
Top Mark
NC7WP08K8X
MAB08A
WP08
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3k Units on Tape and Reel
NC7WP08L8X
MAC08A
Y5
Pb-Free 8-Lead MicroPak, 1.6 mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7WP08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WP08 FAIRCHILD-NC7WP08 Datasheet
105Kb / 8P
   TinyLogic ULP Dual 2-Input AND Gate
logo
ON Semiconductor
NC7WP08 ONSEMI-NC7WP08 Datasheet
291Kb / 11P
   ULP Dual 2-Input AND Gate
Revised January 2005
NC7WP08 ONSEMI-NC7WP08 Datasheet
517Kb / 9P
   TinyLogic ULP-A Dual 2-Input AND Gate
October, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7WP08K8X FAIRCHILD-NC7WP08K8X Datasheet
105Kb / 8P
   TinyLogic ULP Dual 2-Input AND Gate
logo
ON Semiconductor
NC7WP08K8X ONSEMI-NC7WP08K8X Datasheet
291Kb / 11P
   ULP Dual 2-Input AND Gate
Revised January 2005
More results

Similar Description - NC7WP08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WP08 FAIRCHILD-NC7WP08 Datasheet
105Kb / 8P
   TinyLogic ULP Dual 2-Input AND Gate
NC7SP08 FAIRCHILD-NC7SP08 Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input AND Gate
NC7SP08 FAIRCHILD-NC7SP08_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input AND Gate
logo
ON Semiconductor
NC7WP08 ONSEMI-NC7WP08_V01 Datasheet
517Kb / 9P
   TinyLogic ULP-A Dual 2-Input AND Gate
October, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7WP00 FAIRCHILD-NC7WP00 Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
NC7WP32 FAIRCHILD-NC7WP32 Datasheet
203Kb / 9P
   TinyLogic ULP Dual 2-Input OR Gate
NC7WP02 FAIRCHILD-NC7WP02_05 Datasheet
206Kb / 9P
   TinyLogic ULP Dual 2-Input NOR Gate
NC7WP02 FAIRCHILD-NC7WP02 Datasheet
202Kb / 9P
   TinyLogic ULP Dual 2-Input NOR Gate
NC7SV08 FAIRCHILD-NC7SV08 Datasheet
172Kb / 9P
   TinyLogic ULP-A 2-Input AND Gate
NC7SV08 FAIRCHILD-NC7SV08_04 Datasheet
181Kb / 9P
   TinyLogic ULP-A 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com