Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WP08 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7WP08
Description  TinyLogic ULP Dual 2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WP08 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7WP08 Datasheet HTML 1Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 2Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 3Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 4Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 5Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 6Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 7Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 8Page - Fairchild Semiconductor NC7WP08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.10V
1.2V
± 0.10V
0.9V
Vmi
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2


Similar Part No. - NC7WP08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WP08 FAIRCHILD-NC7WP08 Datasheet
105Kb / 8P
   TinyLogic ULP Dual 2-Input AND Gate
logo
ON Semiconductor
NC7WP08 ONSEMI-NC7WP08 Datasheet
291Kb / 11P
   ULP Dual 2-Input AND Gate
Revised January 2005
NC7WP08 ONSEMI-NC7WP08 Datasheet
517Kb / 9P
   TinyLogic ULP-A Dual 2-Input AND Gate
October, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7WP08K8X FAIRCHILD-NC7WP08K8X Datasheet
105Kb / 8P
   TinyLogic ULP Dual 2-Input AND Gate
logo
ON Semiconductor
NC7WP08K8X ONSEMI-NC7WP08K8X Datasheet
291Kb / 11P
   ULP Dual 2-Input AND Gate
Revised January 2005
More results

Similar Description - NC7WP08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WP08 FAIRCHILD-NC7WP08 Datasheet
105Kb / 8P
   TinyLogic ULP Dual 2-Input AND Gate
NC7SP08 FAIRCHILD-NC7SP08 Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input AND Gate
NC7SP08 FAIRCHILD-NC7SP08_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input AND Gate
logo
ON Semiconductor
NC7WP08 ONSEMI-NC7WP08_V01 Datasheet
517Kb / 9P
   TinyLogic ULP-A Dual 2-Input AND Gate
October, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7WP00 FAIRCHILD-NC7WP00 Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
NC7WP32 FAIRCHILD-NC7WP32 Datasheet
203Kb / 9P
   TinyLogic ULP Dual 2-Input OR Gate
NC7WP02 FAIRCHILD-NC7WP02_05 Datasheet
206Kb / 9P
   TinyLogic ULP Dual 2-Input NOR Gate
NC7WP02 FAIRCHILD-NC7WP02 Datasheet
202Kb / 9P
   TinyLogic ULP Dual 2-Input NOR Gate
NC7SV08 FAIRCHILD-NC7SV08 Datasheet
172Kb / 9P
   TinyLogic ULP-A 2-Input AND Gate
NC7SV08 FAIRCHILD-NC7SV08_04 Datasheet
181Kb / 9P
   TinyLogic ULP-A 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com