Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZD384 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SZD384
Description  1-Bit Low Power Bus Switch with Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZD384 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SZD384_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 7: All typical values are VCC 5.0V, TA 25qC.
Note 8: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On Resistance of the
switch and the 50 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance (Note 9)
Note 9: TA 25qC f 1MHz
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
Note: Input driven by 50
: source terminated in 50:.
CL includes load and stray capacitance.
Input PRR
1.0 MHz tw 500 ns.
FIGURE 2. AC Waveforms
TA 40qC to 85qC
Symbol
Parameter
VCC
CL 50 pF, RU RD 500:
Units
Conditions
Figure
(V)
Min
Typ
(Note 7)
Max
Number
tPHL,
Propagation Delay Bus-to-Bus
4.5–5.5
0.25
ns
VI OPEN
Figures
1, 2
tPLH
(Note 8)
tPZL,
Output Enable Time
4.5–5.5
1.5
7.5
ns
VI 7V for tPZL
Figures
1, 2
tPZH
VI OPEN for tPZH
tPLZ,
Output Disable Time
4.5–5.5
1.0
6.0
ns
VI 7V for tPLZ
Figures
1, 2
tPHZ
VI OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
2
5
pF
VCC 5.0V
CI/O
Input/Output Capacitance
4.5
10
pF
VCC 5.0V


Similar Part No. - NC7SZD384_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZD384L6X FAIRCHILD-NC7SZD384L6X Datasheet
168Kb / 9P
   TinyLogic UHS 1-Bit Low Power Bus Switch
NC7SZD384M5X FAIRCHILD-NC7SZD384M5X Datasheet
168Kb / 9P
   TinyLogic UHS 1-Bit Low Power Bus Switch
NC7SZD384P5X FAIRCHILD-NC7SZD384P5X Datasheet
168Kb / 9P
   TinyLogic UHS 1-Bit Low Power Bus Switch
More results

Similar Description - NC7SZD384_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WBD3306 FAIRCHILD-NC7WBD3306_05 Datasheet
187Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
FSTD3306 FAIRCHILD-FSTD3306_06 Datasheet
277Kb / 11P
   2-Bit Low-Power Bus Switch with Level Shifting
NC7WBD3125 FAIRCHILD-NC7WBD3125_05 Datasheet
191Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com