Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-15530PSIF Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-15530PSIF
Description  5V / 3.3V Manchester Encoder / Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-15530PSIF Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-15530PSIF Datasheet HTML 1Page - Holt Integrated Circuits HI-15530PSIF Datasheet HTML 2Page - Holt Integrated Circuits HI-15530PSIF Datasheet HTML 3Page - Holt Integrated Circuits HI-15530PSIF Datasheet HTML 4Page - Holt Integrated Circuits HI-15530PSIF Datasheet HTML 5Page - Holt Integrated Circuits HI-15530PSIF Datasheet HTML 6Page - Holt Integrated Circuits HI-15530PSIF Datasheet HTML 7Page - Holt Integrated Circuits HI-15530PSIF Datasheet HTML 8Page - Holt Integrated Circuits HI-15530PSIF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SIGNAL
SECTION
FUNCTION
DESCRIPTION
VALID WORD
DECODER
OUTPUT
A high output signals the receipt of a valid word
ENCODER SHIFT CLOCK
ENCODER
OUTPUT
Shifts data into the encoder on a low to high transition
TAKE DATA
DECODER
OUTPUT
Output is high during receipt of data after identification of a Sync
Pulse and two valid Manchester data bits.
SERIAL DATA OUT
DECODER
OUTPUT
Received Data output in NRZ format
DECODER CLOCK
DECODER
INPUT
12x the data rate. Clock for the transition finder and synchronizer,
which generates the internal clock for the remainder of the decoder
BIPOLAR ZERO IN
DECODER
INPUT
A high input indicates the 1553 bus is in its negative state.
This pin must be held high when the Unipolar input is used
BIPOLAR ONE IN
DECODER
INPUT
A high input indicates the 1553 bus is in the positive state.
This pin must be held low when the Unipolar input is used
UNIPOLAR DATA IN
DECODER
INPUT
Input for unipolar data to the transition finder. Must be held low when
Not in use
DECODER SHIFT CLOCK
DECODER
OUTPUT
Provides the DECODER CLOCK divided by 12, synchronized by the
recovered serial data
COMMAND /
SYNC
DECODER
OUTPUT
A high on this pin occurs during the output of decoded data which
was preceded by a Command (or Status) synchronizing character. A
low output indicates a Data synchronizing character
DECODER RESET
DECODER
INPUT
A high applied to this pin during a DECODER SHIFT CLOCK rising
edge resets the bit counter
GND
BOTH
POWER
0V supply
MASTER RESET
BOTH
INPUT
A high on this pin clears the 2:1 counters in both Encoder and
Decoder and resets the divide-by-6 circuit
6 OUT
ENCODER
OUTPUT
Provides ENCODER CLOCK divided by 6
ENCODER
OUTPUT
An active low output intended to drive the zero or negative sense of
a MIL-STD-1553 Line Driver
ENCODER
INPUT
A low inhibits the
and
by
forcing them to inactive high states
ENCODER
OUTPUT
An active low output intended to drive the one or positive sense on a
MIL-STD-1553 Line Driver
SERIAL DATA IN
ENCODER
INPUT
Accepts serial data at the rate of the ENCODER SHIFT CLOCK
ENCODER ENABLE
ENCODER
INPUT
A high on this pin initiates the encode cycle. (Subject to the
preceeding cycle being complete)
SYNC SELECT
ENCODER
INPUT
Actuates a Command Sync for an input high and a Data Sync for a
low
SEND DATA
ENCODER
OUTPUT
An active high output which enables the external source of serial
Data
SEND CLOCK IN
ENCODER
INPUT
Clock input at 2 times the Data rate, usually driven by
6 OUT
ENCODER CLOCK
ENCODER
INPUT
Input to the divide by 6 circuit. Normal frequency is Data rate x12
VDD
BOTH
POWER
3.0 V to 5.5 V power supply pin
DATA
BIPOLAR ZERO OUT
OUTPUT INHIBIT
BIPOLAR ZERO OUT
BIPOLAR ONE OUT
BIPOLAR ONE OUT
¸
¸
PIN DESCRIPTIONS
HOLT INTEGRATED CIRCUITS
2
HI-15530


Similar Part No. - HI-15530PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530PSI HOLTIC-HI-15530PSI Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
More results

Similar Description - HI-15530PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530_08 Datasheet
96Kb / 13P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530 HOLTIC-HI-15530_13 Datasheet
91Kb / 13P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com