Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-15530 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-15530
Description  5V / 3.3V Manchester Encoder / Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-15530 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-15530 Datasheet HTML 1Page - Holt Integrated Circuits HI-15530 Datasheet HTML 2Page - Holt Integrated Circuits HI-15530 Datasheet HTML 3Page - Holt Integrated Circuits HI-15530 Datasheet HTML 4Page - Holt Integrated Circuits HI-15530 Datasheet HTML 5Page - Holt Integrated Circuits HI-15530 Datasheet HTML 6Page - Holt Integrated Circuits HI-15530 Datasheet HTML 7Page - Holt Integrated Circuits HI-15530 Datasheet HTML 8Page - Holt Integrated Circuits HI-15530 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
The Decoder requires a single clock with a frequency of 12
times the desired data rate applied at the DECODER
CLOCK input. The Manchester II coded data can be
presented to the Decoder in one of two ways. The
BIPOLAR ONE and BIPOLAR ZERO inputs will accept
data from a comparator sensed transformer coupled bus as
specified in MIL-STD-1553. The UNIPOLAR DATA input
can only accept non-inverted Manchester II coded data
(e.g. from
of an Encoder). The
Decoder is free running and continuously monitors its data
input lines for a valid sync character and two valid
Manchester data bits to start an output cycle. When a valid
sync is recognized (1), the type of sync is indicated on
COMMAND/
SYNC output. If the sync character was
a command sync, this output will go high (2) and remain
high for sixteen DECODER SHIFT CLOCK periods (3),
otherwise it will remain low. The TAKE DATA output will go
high and remain high (2) - (3) while the Decoder is
transmitting the decoded data through SERIAL DATA OUT.
The decoded data available at SERIAL DATA OUT is in an
NRZ format. The DECODER SHIFT CLOCK is provided so
that the decoded bits can be shifted into an external register
on every low-to-high transition of this clock (2) - (3). After all
sixteen decoded bits have been transmitted (3) the data is
checked for odd parity. A high on VALID WORD output (4)
indicates a successful reception of a word without any
Manchester or parity errors. At this time the Decoder is
BIPOLAR ZERO OUT
DATA
HI-15530
HOLT INTEGRATED CIRCUITS
4
DECODER OPERATION
01234567
16
17
18
19
15
14
13
12
11
2
1
0
P
21
0
P
15
14
13
12
11
SYNC
SYNC
SYNC
15
14
13
12
3
2
1
0
SYNC
(1)(2)
(3)
(4)
May be high from previous reception
VALID WORD
DECODER
SHIFT CLK
TIMING
TAKE DATA
SERIAL
DATA OUT
BIPOLAR
ONE IN
BIPLOAR
ZERO IN
FIGURE 4. DECODER OPERATION
8
COMMAND /
SYNC
DATA
10
10
4
UNDEFINED
TAKE DATA
UNIPOLAR
DATA IN
BIPOLAR
ONE IN
BIPOLAR
ZERO IN
MASTER
RESET
DECODER
CLK
DECODER
RESET
COMMAND/
SYNC
DATA
SERIAL DATA
OUT
VALID
WORD
DECODER
SHIFT CLK
TRANSITION
FINDER
CHARACTER
IDENTIFIER
SYNCHRONIZER
BIT
COUNTER
BIT
RATE
CLK
PARITY
CHECK
FIGURE 3. DECODER
looking for a new sync character to start another output
sequence. VALID WORD will go low approximately 20
DECODER SHIFT CLOCK periods after it goes high if not
reset low sooner by a valid sync and two valid Manchester
bits as shown (1). At any time in the above sequence, a
high input on DECODER RESET during a low-to-high
transition of DECODER SHIFT CLOCK will abort
transmission and initialize the Decoder to start looking for a
new sync character.


Similar Part No. - HI-15530

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
HI-15530CDI HOLTIC-HI-15530CDI Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
HI-15530CDM HOLTIC-HI-15530CDM Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
HI-15530CDT HOLTIC-HI-15530CDT Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
HI-15530CLI HOLTIC-HI-15530CLI Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
More results

Similar Description - HI-15530

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530_08 Datasheet
96Kb / 13P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530 HOLTIC-HI-15530_13 Datasheet
91Kb / 13P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com