Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-15530 Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-15530
Description  5V / 3.3V Manchester Encoder / Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-15530 Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-15530 Datasheet HTML 3Page - Holt Integrated Circuits HI-15530 Datasheet HTML 4Page - Holt Integrated Circuits HI-15530 Datasheet HTML 5Page - Holt Integrated Circuits HI-15530 Datasheet HTML 6Page - Holt Integrated Circuits HI-15530 Datasheet HTML 7Page - Holt Integrated Circuits HI-15530 Datasheet HTML 8Page - Holt Integrated Circuits HI-15530 Datasheet HTML 9Page - Holt Integrated Circuits HI-15530 Datasheet HTML 10Page - Holt Integrated Circuits HI-15530 Datasheet HTML 11Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HI-15530
HOLT INTEGRATED CIRCUITS
7
V
= 3.0 V to 5.5 V, GND = 0V, TA = Operating Temperature Range (unless otherwise specified).
DD
Power Dissipation at 25°C
Plastic SSOP
1.5 W, derate10mW/ C
Ceramic DIP
1.0 W, derate 7mW/
DC Current Drain per pin
±10mA
°
°C
Storage Temperature Range:
-65°C to +150°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage V
-0.3V to +7V
V
DD
oltage at any pin
-0.3V to Vcc +0.3V
Operating Temperature Range:
(Industrial)
-40°C to +85°C
(Military)
-55°C to +125°C
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
LIMITS
PARAMETER
CONDITIONS
UNIT
SYMBOL
Input Voltage
Input Voltage HI
V
70% V
V
Input Voltage LO
VIL
30% V
V
Clock Input Voltage
Input Voltage HI
V
V
-0.5
V
Input Voltage LO
V
0.5V
V
Input Leakage Current
Input Sink
I
1.0
Input Source
I
-1.0
MIN
TYP
MAX
IH
DD
DD
IHC
DD
ILC
IH
µA
µA
Output Voltage
Logic “1” Output Voltage
V
V
=5V±10%, I
=-3mA
2.4
V
V
V
=3.3V±10%, I
=-1mA
90% V
V
Logic “0” Output Voltage
V
V
=5V±10%, I
=1.8mA
0.4
V
V
V
=3.3V±10%, I
=1mA
10% V
V
Standby Supply Current
I
V =V
, Outputs Open
2.0
mA
Operating Supply Current
I
f=1MHz, Outputs Open
10.0
mA
Input Capacitance
C
7.0
pF
Output Capacitance
C
10.0
pF
IL
OH1
DD
OH
OH2
DD
OH
DD
OL1
DD
OL
OL2
DD
OH
DD
DDSB
IN
DD
DD
IN
OUT


Similar Part No. - HI-15530

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
HI-15530CDI HOLTIC-HI-15530CDI Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
HI-15530CDM HOLTIC-HI-15530CDM Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
HI-15530CDT HOLTIC-HI-15530CDT Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
HI-15530CLI HOLTIC-HI-15530CLI Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
More results

Similar Description - HI-15530

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530_08 Datasheet
96Kb / 13P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530 HOLTIC-HI-15530_13 Datasheet
91Kb / 13P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com