Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ86P5X_NL Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7SZ86P5X_NL
Description  TinyLogic UHS 2-Input Exclusive-OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ86P5X_NL Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SZ86P5X_NL Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ86P5X_NL Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ86P5X_NL Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ86P5X_NL Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ86P5X_NL Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ86P5X_NL Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ86P5X_NL Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ86P5X_NL Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ86P5X_NL Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
Tape and Reel Specification
TAPE FORMAT for SC70 and SOT23
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
M5X, P5X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-5
8 mm
0.093
0.096
0.138
r 0.004 0.053 r 0.004
0.157
0.315
r 0.004
(2.35)
(2.45)
(3.5
r 0.10)
(1.35
r 0.10)
(4)
(8
r 0.1)
SOT23-5
8 mm
0.130
0.130
0.138
r 0.002 0.055 r 0.004
0.157
0.315
r 0.012
(3.3)
(3.3)
(3.5
r 0.05)
(1.4
r 0.11)
(4)
(8
r 0.3)


Similar Part No. - NC7SZ86P5X_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ86P5X FAIRCHILD-NC7SZ86P5X_09 Datasheet
603Kb / 10P
   TinyLogic짰 UHS Two-Input Exclusive-OR Gate
More results

Similar Description - NC7SZ86P5X_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ86 FAIRCHILD-NC7SZ86 Datasheet
107Kb / 8P
   TinyLogic UHS 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7WZ86 ONSEMI-NC7WZ86_V01 Datasheet
516Kb / 9P
   TinyLogic UHS Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 2
NC7SZ386 ONSEMI-NC7SZ386_V01 Datasheet
270Kb / 9P
   TinyLogic UHS Three-Input Exclusive-OR Gate
March, 2022 - Rev. 2
logo
Fairchild Semiconductor
NC7SZ386 FAIRCHILD-NC7SZ386_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
NC7SZ386 FAIRCHILD-NC7SZ386 Datasheet
107Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
NC7WZ86 FAIRCHILD-NC7WZ86 Datasheet
178Kb / 7P
   TinyLogic UHS Dual 2-Input Exclusive-OR Gate
NC7SZ32 FAIRCHILD-NC7SZ32_05 Datasheet
132Kb / 9P
   TinyLogic UHS 2-Input OR Gate
NC7SZ32 FAIRCHILD-NC7SZ32 Datasheet
105Kb / 9P
   TinyLogic UHS 2-Input OR Gate
logo
ON Semiconductor
NC7WZ32 ONSEMI-NC7WZ32_V01 Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
NC7WZ86 ONSEMI-NC7WZ86 Datasheet
278Kb / 9P
   UHS Dual 2-Input Exclusive-OR Gate
Revised January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com