Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA316X-800B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BTA316X-800B
Description  16 A Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA316X-800B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BTA316X-800B Datasheet HTML 5Page - NXP Semiconductors BTA316X-800B Datasheet HTML 6Page - NXP Semiconductors BTA316X-800B Datasheet HTML 7Page - NXP Semiconductors BTA316X-800B Datasheet HTML 8Page - NXP Semiconductors BTA316X-800B Datasheet HTML 9Page - NXP Semiconductors BTA316X-800B Datasheet HTML 10Page - NXP Semiconductors BTA316X-800B Datasheet HTML 11Page - NXP Semiconductors BTA316X-800B Datasheet HTML 12Page - NXP Semiconductors BTA316X-800B Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BTA316X_SER_B_C_E_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2007
9 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
9.
Package information
Epoxy meets UL94 V-0 at 3.175 mm
Vo = 1.024 V
Rs = 0.021 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig 9.
On-state current as a function of on-state
voltage
Fig 10. Normalized latching current as a function of
junction temperature
Fig 11. Normalized holding current as a function of junction temperature
003aab666
0
10
20
30
40
50
0
0.5
1
1.5
2
VT (V)
IT
(A)
(1)
(2)
(3)
Tj (°C)
−50
150
100
050
001aab100
1
2
3
0
IL
IL(25°C)
Tj (°C)
−50
150
100
050
001aab099
1
2
3
0
IH
IH(25°C)


Similar Part No. - BTA316X-800B

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
BTA316X-800B SIPOWER-BTA316X-800B Datasheet
1Mb / 7P
   16A Triacs
logo
WeEn Semiconductors
BTA316X-800B WEEN-BTA316X-800B Datasheet
272Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA316X-800B0 NXP-BTA316X-800B0 Datasheet
195Kb / 14P
   3Q Hi-Com Triac
Rev. 2-17 November 2011
logo
WeEn Semiconductors
BTA316X-800B0 WEEN-BTA316X-800B0 Datasheet
317Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA316X-800B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com