Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA316X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BTA316X
Description  16 A Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA316X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BTA316X Datasheet HTML 3Page - NXP Semiconductors BTA316X Datasheet HTML 4Page - NXP Semiconductors BTA316X Datasheet HTML 5Page - NXP Semiconductors BTA316X Datasheet HTML 6Page - NXP Semiconductors BTA316X Datasheet HTML 7Page - NXP Semiconductors BTA316X Datasheet HTML 8Page - NXP Semiconductors BTA316X Datasheet HTML 9Page - NXP Semiconductors BTA316X Datasheet HTML 10Page - NXP Semiconductors BTA316X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BTA316X_SER_B_C_E_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2007
7 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
8.
Dynamic characteristics
Table 7.
Dynamic characteristics
Symbol Parameter
Conditions
BTA316X-600B
BTA316X-800B
BTA316X-600C
BTA316X-800C
BTA316X-600E
BTA316X-800E
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
dVD/dt
rate of rise of
off-state
voltage
VDM = 0.67 ×
VDRM(max);
Tj = 125 °C;
exponential
waveform; gate open
circuit
1000
-
-
500
-
-
60
-
-
V/
µs
dIcom/dt rate of change
of
commutating
current
VDM = 400 V;
Tj = 125 °C;
IT(RMS) =16A;
without snubber;
gate open circuit
20
-
-
15
-
-
5
-
-
A/ms
VDM = 400 V;
Tj = 125 °C;
IT(RMS) =16A;
dV/dt = 10 V/
µs;
gate open circuit
-
-
-
-
-
-
8
-
-
A/ms
VDM = 400 V;
Tj = 125 °C;
IT(RMS) =16A;
dV/dt=1V/
µs; gate
open circuit
-
-
-
-
-
-
12
-
-
A/ms
tgt
gate-controlled
turn-on time
ITM =20A;
VD =VDRM(max);
IG = 0.1 A;
dIG/dt=5A/µs
-2
-
-
2
-
-2
-
µs


Similar Part No. - BTA316X

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
BTA316X SIPOWER-BTA316X Datasheet
1Mb / 7P
   16A Triacs
BTA316X-600B SIPOWER-BTA316X-600B Datasheet
1Mb / 7P
   16A Triacs
logo
WeEn Semiconductors
BTA316X-600B WEEN-BTA316X-600B Datasheet
272Kb / 13P
   3Q Hi-Com Triac
logo
SiPower Inc.
BTA316X-600C SIPOWER-BTA316X-600C Datasheet
1Mb / 7P
   16A Triacs
logo
WeEn Semiconductors
BTA316X-600C WEEN-BTA316X-600C Datasheet
272Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA316X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com