Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA316-600B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BTA316-600B
Description  16 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA316-600B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BTA316-600B Datasheet HTML 4Page - NXP Semiconductors BTA316-600B Datasheet HTML 5Page - NXP Semiconductors BTA316-600B Datasheet HTML 6Page - NXP Semiconductors BTA316-600B Datasheet HTML 7Page - NXP Semiconductors BTA316-600B Datasheet HTML 8Page - NXP Semiconductors BTA316-600B Datasheet HTML 9Page - NXP Semiconductors BTA316-600B Datasheet HTML 10Page - NXP Semiconductors BTA316-600B Datasheet HTML 11Page - NXP Semiconductors BTA316-600B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BTA316_SER_B_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2007
9 of 12
NXP Semiconductors
BTA316 series B and C
16 A Three-quadrant triacs high commutation
8.
Package outline
Fig 12. Package outline SOT78 (3-lead TO-220AB)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT78
SC-46
3-lead TO-220AB
D
D1
q
p
L
12
3
L1
b1
e
e
b
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB
SOT78
DIMENSIONS (mm are the original dimensions)
A
E
A1
c
Q
L2
UNIT
A1
b1
D1
e
p
mm
2.54
qQ
A
b
D
c
L2
max.
3.0
3.8
3.5
15.0
12.8
3.30
2.79
3.0
2.7
2.6
2.2
0.7
0.4
16.0
15.2
0.9
0.6
1.45
1.00
4.7
4.1
1.40
1.25
6.6
5.9
10.3
9.7
L1
E
L
05-03-22
05-10-25
mounting
base


Similar Part No. - BTA316-600B

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BTA316-600B WEEN-BTA316-600B Datasheet
236Kb / 13P
   3Q Hi-Com Triac
BTA316-600B0 WEEN-BTA316-600B0 Datasheet
237Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
logo
WeEn Semiconductors
BTA316-600BT WEEN-BTA316-600BT Datasheet
238Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA316-600B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com