Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8684PSIF Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8684PSIF
Description  ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8684PSIF Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8684PSIF Datasheet HTML 1Page - Holt Integrated Circuits HI-8684PSIF Datasheet HTML 2Page - Holt Integrated Circuits HI-8684PSIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8684PSIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8684PSIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8684PSIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8684PSIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8684PSIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8684PSIF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DATA RDY
OUTPUT
Receiver data ready flag. A high level indicates data is available in the receive
buffer. Flag goes low when the first 8-bit byte is read.
D0 to D7
OUTPUT
8-bit parallel data bus (tri-state)
GND
POWER
0V
INPUT
Read strobe. A low level transfers receive buffer data to the data bus
PARITY ENB
INPUT
Parity Enable - A high level activates odd parity checking which replaces the
32nd ARINC bit with an error bit. Otherwise, the 32nd ARINC bit is unchanged
ERROR
OUTPUT
Error Flag. A high level indicates a bit count error (number of ARINC bits was
less than or greater than 32) and/or a parity error if parity detection was enabled
(PARITY ENB high)
INA
INPUT
Positive digital serial data input (HI-8683 only)
INB
INPUT
Negative digital serial data input (HI-8683 only)
RINA/RINA-10
INPUT
Positive direct ARINC serial data input
RINB/RINB-10
INPUT
Negative direct ARINC serial data input (HI-8684 & HI-8684-10 only)
INPUT
Internal logic states are initialized with a low level
TESTA
INPUT
Used in conjunction with the TESTB input to bypass the built-in analog line
receiver circuitry
TESTB
INPUT
U
GAPCLK
INPUT
Gap Clock. Determines the minimum time required between ARINC words for
detection. The minimum word gap time is between 16 and 17 clock cycles of
this signal.
Vcc
POWER
+5V ±5% supply
SIGNAL
FUNCTION
DESCRIPTION
READ
RESET
(HI-8684 & HI-8684-10 only)
(HI-8684 & HI-8684-10 only)
sed in conjunction with the TESTA input to bypass the built-in analog line
receiver circuitry (HI-8684 & HI-8684-10 only)
HI-8683, HI-8684
PIN DESCRIPTIONS
HOLT INTEGRATED CIRCUITS
2
FUNCTIONAL DESCRIPTION
The HI-8683 and HI-8684 are serial to 8-bit parallel convert-
ers. The incoming data stream is serially shifted into an input
register, checked for errors, and then transferred in parallel to
a 32-bit receive buffer. The receive data can be accessed us-
ing four 8-bit parallel read operations while the next serial
data steam is being received.
Figure 1 is a block diagram of both the HI-8683 and HI-8684.
The difference between the two products is the HI-8684 has
a built-in line receiver whereas the HI-8683 is strictly a digital
device and requires an external ARINC line receiver such as
the Holt HI-8444, HI-8445, HI-8448 , HI-8482 or HI-8588 to in-
terface to the ARINC 429 bus.
RECEIVER INPUTS
HI-8684 Line Receiver
Internal 35K
resistors are in series with both the RINA and
RINB ARINC 429 inputs. They connect to level translators
whose resistance to GND is typically 10K
After level trans-
lation, the buffered inputs drive a differential amplifier. The
differential signal is compared to levels derived from a divider
between VCC and GND. The nominal settings correspond to
a One/Zero amplitude of 6.0V and a Null amplitude of 3.3V. A
valid ARINC One/Zero input sets a latch and a Null input re-
sets the latch.
Since any added external series resistance will affect the volt-
age translation, the HI-8684-10 is available with 25K
of the
35K
series resistance required for proper ARINC 429 level
detection. The remaining 10K
required that must be added
can be incorporated in other external circuitry such as light-
ning protection. Except for the different input series resis-
tance, the HI-8684 and HI-8684-10 are identical.
W
W
W
W
W
.


Similar Part No. - HI-8684PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8684PSIF HOLTIC-HI-8684PSIF Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8684PSIF-10 HOLTIC-HI-8684PSIF-10 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
More results

Similar Description - HI-8684PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com