Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8586PSMF Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8586PSMF
Description  ARINC 429 LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8586PSMF Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8586PSMF Datasheet HTML 1Page - Holt Integrated Circuits HI-8586PSMF Datasheet HTML 2Page - Holt Integrated Circuits HI-8586PSMF Datasheet HTML 3Page - Holt Integrated Circuits HI-8586PSMF Datasheet HTML 4Page - Holt Integrated Circuits HI-8586PSMF Datasheet HTML 5Page - Holt Integrated Circuits HI-8586PSMF Datasheet HTML 6Page - Holt Integrated Circuits HI-8586PSMF Datasheet HTML 7Page - Holt Integrated Circuits HI-8586PSMF Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Figure 2 shows a possible application
of the HI-8585/86 interfacing an ARINC
transmit channel from the HI-6010.
HI-8585, HI-8586
FUNCTIONAL DESCRIPTION
TXAOUT
CURRENT
CONTROL
-5V
5V
ONE
NULL
ZERO
CONTROL
LOGIC
TXBOUT
CURRENT
CONTROL
-5V
5V
SLP1.5
ESD
PROTECTION
AND
VOLTAGE
TRANSLATION
TX0IN
TX1IN
FIGURE 1 - LINE DRIVER BLOCK DIAGRAM
HI-8585 = 37.5 OHMS
HI-8586 = 2 OHMS
HI-8585 = 37.5 OHMS
HI-8586 = 2 OHMS
ONE
NULL
ZERO
CONTROL
LOGIC
“A” SIDE
“B” SIDE
GND
8
TXBOUT
TXAOUT
TX1IN
TX0IN
ARINC
Channel
RINB
RINA
TESTA
TESTB
{
HARDWIRED
OR
DRIVEN FROM LOGIC
ROUTB
ROUTA
5V
VCC
V-
-15V
SLP1.5
TXD0
TXD1
RXD0
RXD1
HI-6010
8 BIT BUS
ARINC
Channel
1
2
8
6
7
4
3
45
6
7
2
3
HI-8588
FIGURE 2 - APPLICATION DIAGRAM
APPLICATION INFORMATION
15V
V+
1
5
HI-8585
Figure 1 is a block diagram of the line driver. The +5V and
-5V levels are generated internally using on-chip zeners.
Currents for slope control are set by zener voltages across
on-chip resistors.
The TX0IN and TX1IN inputs receive logic signals from a
control transmitter chip such as the HI-6010, HI-3282 or
HI-8282. TXAOUT and TXBOUT hold each side of the
ARINC bus at Ground until one of the inputs becomes a
One. If for example TX1IN goes high, a charging path is
enabled to 5V on an “A” side internal capacitor while the
“B” side is enabled to -5V. The charging current is se-
lected by the SLP1.5 pin. If the SLP1.5 pin is high, the
capacitor is nominally charged from 10% to 90% in 1.5µs.
If SLP1.5 is low, the rise and fall times are 10µs.
A unity gain buffer receives the internally generated slopes
and differentially drives the ARINC line. Current is limited
by the series output resistors at each pin. There are no
fuses at the outputs of the HI-8585 as exists on the HI-
8382.
The HI-8585 has 37.5 ohms in series with each output and
the HI-8586 has 2 ohms in series with each output. The
HI-8586 is for applications where external series resis-
tance is required, typically for lightning protection devices.
Both the HI-8585 and HI-8586 are built using high-speed
CMOS technology. Care should be taken to ensure the
V+ and V- supplies are locally decoupled and that the
input waveforms are free from negative voltage spikes
which may upset the chip’s internal slope control circuitry.
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8586PSMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8586PSMF HOLTIC-HI-8586PSMF Datasheet
83Kb / 9P
   ARINC 429 Line Driver
More results

Similar Description - HI-8586PSMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
DEI1070A DEIAZ-DEI1070A Datasheet
315Kb / 12P
   ARINC 429 LINE DRIVER FAMILY
logo
Holt Integrated Circuit...
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com