Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ38 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SZ38
Description  TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ38 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SZ38 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Tape and Reel Specification
TAPE FORMAT for SC70 and SOT23
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
M5X, P5X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-5
8 mm
0.093
0.096
0.138
± 0.004 0.053 ± 0.004
0.157
0.315
± 0.004
(2.35)
(2.45)
(3.5
± 0.10)
(1.35
± 0.10)
(4)
(8
± 0.1)
SOT23-5
8 mm
0.130
0.130
0.138
± 0.002 0.055 ± 0.004
0.157
0.315
± 0.012
(3.3)
(3.3)
(3.5
± 0.05)
(1.4
± 0.11)
(4)
(8
± 0.3)


Similar Part No. - NC7SZ38

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38 Datasheet
104Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38 Datasheet
487Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
January, 2021 ??Rev. 3
NC7SZ38 ONSEMI-NC7SZ38 Datasheet
404Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ384 FAIRCHILD-NC7SZ384 Datasheet
106Kb / 8P
   TinyLogic UHS 1-Bit Low Power Bus Switch
NC7SZ384 FAIRCHILD-NC7SZ384 Datasheet
211Kb / 9P
   1-Bit Low Power Bus Switch
More results

Similar Description - NC7SZ38

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38 Datasheet
104Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38_V01 Datasheet
404Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
March, 2022 - Rev. 4
NC7SZ38 ONSEMI-NC7SZ38 Datasheet
487Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
January, 2021 ??Rev. 3
logo
Fairchild Semiconductor
NC7WZ38 FAIRCHILD-NC7WZ38_05 Datasheet
172Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate (Open Drain Output)
NC7SP38 FAIRCHILD-NC7SP38 Datasheet
291Kb / 8P
   TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SP38 FAIRCHILD-NC7SP38_04 Datasheet
294Kb / 8P
   TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
NC7SV38 FAIRCHILD-NC7SV38 Datasheet
305Kb / 8P
   TinyLogic. ULP-A 2-Input NAND Gate (Open Drain Output)
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com