Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8784PDIF Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8784PDIF
Description  ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8784PDIF Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8784PDIF Datasheet HTML 1Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 2Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN
PIN
PIN
SYMBOL
FUNCTION
DESCRIPTION
HI-8783 HI-8783
HI-8784
(20-pin) (22-pin)
HI-8785
2
1
2
561 SYNC
digital output
ARINC 561 Sync signal
3-10
2-8,10
3-9,11
Dn
digital inputs
Parallel 8 bit Data Input
11
11
12
GND
power supply Ground
12
12
13
A0
digital input
Byte address, A0=1 for 1st byte, A0=0 for 2nd, 3rd & 4th bytes
-
-
14
SLP1.5
digital input
Selects the slope of the line driver. High = 1.5us
13
14
15
digital input
Write strobe, loads data on rising edge
14
15
16
digital input
Registers and sequencing logic initialized when low
15
16
17
XMIT CLK
digital input
Clock input for the transmitter
16
17
18
XMT RDY
digital output
Goes high if the buffer register is empty
17
18
19
PARITY ENB digital input
When high the 32nd bit output is odd parity
-
-
20
V-
power supply -10 volt rail
18
19
-
DATA ONE
digital output
Goes high for each ARINC bit output that is a “one”
19
20
-
DATA ZERO
digital output
Goes high for each ARINC bit output that is a “zero”
-
-
21
TXAOUT
analog output Line driver ouptut - A side
-
-
22
TXBOUT
analog output Line driver output - B side
20
21
23
561 DATA
digital output
Serial output for ARINC 561 data
-
-
24
V+
power supply +10 volt rail
1
22
1
VCC
power supply +5 volt rail,
WRITE
RESET
HI-8783, HI-8784, HI-8785
PIN DESCRIPTIONS
The HI-8783 is a parallel to serial converter, which when
loaded with four eight bit parallel bytes, outputs the data as a
32 bit serial word. Timing circuitry inserts a 4 bit gap at the
end of each 32 bit word. An input buffer register allows load
operations to take place while the previously loaded word is
being transmitted.
If the PARITY ENB pin is high, the 32nd bit will be a parity bit,
inserted so as to make the 32 bit word have odd parity. If the
PARITY ENB pin is low, the 32nd bit will be the D7 bit of the
4th byte.
Outputs are provided for both ARINC 429/575 (DATA ONE
and DATA ZERO pins) and ARINC 561 (561 DATA and 561
SYNC pins) type data.
A low signal applied to the
pin resets the HI-8783’s
internal logic so that spurious transmission does not take
place during power-up. The registers are cleared so that a
continuous gap will be transmitted until the first word is
loaded into the transmitter.
RESET
FUNCTIONAL DESCRIPTION
Input data can be loaded when the XMT RDY signal is high,
which indicates the input buffer register is empty. The first 8
bit byte is the label byte and is loaded with the A0 input high,
which initializes the internal byte counter. The remaining
three bytes are loaded with A0 in the low state.
Each 8 bit byte is loaded into the input buffer register by a low
pulse on the
input. After the fourth byte is loaded, the
XMT RDY output goes low.
The contents of the input buffer register are transferred to the
output register during the fourth bit period of the gap. If the
fourth gap bit period of the previous word has already been
transmitted, the contents of the input buffer register will be
transferred to the output shift register during the first bit pe-
riod after the loading of the fourth byte, and the XMT RDY out-
put goes high.
After the output shift register is loaded, the data is shifted out
to the output logic in the order shown in figure 2.
Once A0 is
set low, it must not go high until after the fourth byte is loaded.
The 561 SYNC output pulses low when the XMT CLK is low
during the 8th bit of the ARINC transmission.
The XMIT CLK is the same as the data rate.
WRITE
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8784PDIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8784PDIF HOLTIC-HI-8784PDIF Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results

Similar Description - HI-8784PDIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com