Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8784PDIF Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8784PDIF
Description  ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8784PDIF Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8784PDIF Datasheet HTML 1Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 2Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8784PDIF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HI-8783, HI-8784, HI-8785
ARINC INTERFACE DEVICE
8 bit parallel data converted to 429 & 561 serial data out
DESCRIPTION
FEATURES
PIN CONFIGURATIONS
The HI-8783, HI-8784, and HI-8785 are system compo-
nents for interfacing 8 bit parallel data to an ARINC 429
bus. The HI-8783 is a logic device only and requires a sep-
arate line driver circuit, such as the HI-3182 or HI-8585.
The HI-8784 and HI-8785 combine logic and line driver on
one chip. The HI-8784 has an output resistance of 37.5
ohms, and the HI-8785 has an output resistance of 10
ohms to facilitate external lightning protection cicuitry. The
technology is analog/digital CMOS.
The HI-8783 is available in a 22 pin DIP format as a second
source replacement for the Micrel / California Devices
DLS-111BV.
The products offer high speed data bus data transactions
to a buffer register. After loading 4 bytes, data is automati-
cally transferred and transmitted. The data rate is equal to
the clock rate. Parity can be enabled in the 32nd bit. Reset
is used to initialize the logic upon startup. Word gaps are
transmitted automatically.
The HI-8784 and HI-8785 require +/- 10 volt supplies in ad-
dition to the 5 volt supply.
Automatically converts 8 bit parallel data
to ARINC 429 or 561 serial data
High speed data bus interface
On-chip line driver option
SOIC packages available
Military processing options
l
l
l
l
l
(See page 7 for additional pin configurations)
VCC
561 SYNC
D0
D1
D2
D3
D4
D5
D6
D7
561 DATA
DATA ZERO
DATA ONE
PARITY ENB
XMT READY
XMIT CLK
A0
GND
RESET
WRITE
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
HI-8783PSI
&
HI-8783PST
20-Pin Plastic SOIC - WB package
V+
561 DATA
TXBOUT
TXAOUT
V-
PARITY ENB
XMT READY
XMIT CLK
SLP1.5
A0
RESET
WRITE
VCC
561 SYNC
D0
D1
D2
D3
D4
D5
D6
NC
D7
GND
1
2
3
4
5
6
7
8
9
10
11
24
23
22
21
20
19
18
17
16
15
14
HI-8784PSI
HI-8784PST
HI-8785PSI
&
HI-8785PST
12
13
24-Pin Plastic SOIC - WB package
September 2006
HOLT INTEGRATED CIRCUITS
(DS8783 Rev.I)
09/06
www.holtic.com


Similar Part No. - HI-8784PDIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8784PDIF HOLTIC-HI-8784PDIF Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results

Similar Description - HI-8784PDIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com