Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8685PJTF-10 Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-8685PJTF-10
Description  ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8685PJTF-10 Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-8685PJTF-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 9Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 10Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Vcc = 5V, GND = 0V, TA = Operating Temperature Range (unless otherwise specified).
HI-8685, HI-8686
DC ELECTRICAL CHARACTERISTICS (cont.)
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
Digital Inputs
Outputs
Operating Supply Current
(TESTA & TESTB)
Input voltage
high
V
2.4
-
V
low
V
0.0
-
0.8
volts
Input current
source
-110
-
µ
sink
-1.0
-
-
µ
Input capacitance
C
-
-
8.0
pF
(D0 to D15, ERROR & DATA RDY)
Output voltage
high
low
I
= 1.6 mA
-
-
0.4
volts
Output tri-state current (D0 - D15 only)
V
= 5.0V
-
-
1.0
µA
V
= 0.0V
-1.0
-
-
µ
Output capacitance
-
-
15
pF
V
I
V
= 0.0V, outputs open
-
-
6.5
mA
IH
CC
IL
I
OL
OH
OL
CC
CC
IN
volts
I
V
= 5.0V
A
I
V
= 0.0V
A
V
I
= -1.0 mA
2.7
-
-
volts
V
I
IA
C
IH
IN
IL
IN
OH
OH
OL
IH
IL
O
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
pulse width
t
50
ns
Data delay from
t
40
ns
to data floating
t
20
ns
to DATA RDY clear
t
35
ns
pulse to next
pulse
t
25
ns
GAPCLK frequency
f
1
MHz
32nd ARINC bit to DATA RDY
t
16
17
clocks
READ
READ
READ
READ
READ
READ
RDPW
RD
FD
RDYCLR
RR
GC
DRDY
AC ELECTRICAL CHARACTERISTICS
Vcc = 5V, GND = 0V, TA = Operating Temperature Range (unless otherwise specified).
HOLT INTEGRATED CIRCUITS
7


Similar Part No. - HI-8685PJTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685PJTF-10 HOLTIC-HI-8685PJTF-10 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results

Similar Description - HI-8685PJTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com