Part Name
         Description
BP5324A

 Isolated DC/DC Converter ( 3 Page)


ROHM
100% 
Zoom Out Zoom In
   
 1 page
background image
BP5324A
Isolated DC/DC Converter
Absolute Maximum Ratings
Input voltage
Maximum output current
Operating temperature range
Storage temperature range
Isolation voltage
Parameter
Symbol
Limits
Unit
VIN
Iopeak
Topr
Tstg
VISO
7
250
−25 to +80
−25 to +85
500
V
mA
°C
°C
Vrms
Unit
∗2
∗2
∗1
Conditions
V
V
mA
V
V
Vpp
%
VIN=5V, Io=250mA
VIN=5V
VIN=4.5 to 5.5V, Io=200mA
VIN=5V, Io=0 to 250mA
VIN=5V, Io=250mA
VIN=5V, Io=250mA
∗1 Maximum output current varies depending on ambient temperature ; please refer to derating curve.
∗2 Please refer to Load regulation, Conversion efficiency.
Electrical Characteristics
Input voltage range
Output voltage
Output current
Line regulation
Load regulation
Output ripple voltage
Power conversion efficiency
Parameter
Symbol
Typ.
Max.
Min.
VIN
Vo
Io
VL
VR
Vp
η
5.0
12.0
0.01
0.23
0.03
74
5.5
12.6
250
0.05
0.5
0.15
4.5
11.4
0
65
Conversion Efficiency
90
80
70
60
50
40
30
20
10
0
0
0.05
0.2 0.25 0.3 0.35
0.1 0.15
(Ta=25
°C, Vin=5V)
Output Current Io(A)
Conversion Efficiency
Dimensions (Unit : mm)
Application circuit
External Components Settings
F1 : Fuse
Use a 2.5A fuse
Capacitance : 100
µF to 220µF Rated voltage : 16V or higher .
Capacitance : 100
µF, Rated voltage : 25V or higher.
C1: Input Capacitor
C2: Output Capacitor
Capacitance : 100
µF to 470µ, Rated Voltage : 25V or higher.
Capacitance : 4700pF to 0.1
µF, Rated Voltage : AC500V or higher.
C3: Output Capacitor
C4: Noise Reduction Capacitor
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
Function
Input terminal (5V)
Input terminal (5V)
Not used
Input terminal (0V)
Input terminal (0V)
Not used
Not used
Output GND terminal
Not used
Capacitor connect
Output terminal
Output terminal
Be sure to evaluate it under the condition that it is mounted by your product.
Especially, confirm whether output current never exceeds a maximum rating
with current probe.
12V/250mA output type
Derating Curve
Derating Curve
Operation Range
300
250
200
150
100
50
0
010
-30 -20 -10
20
40
30
80
70
60
50
90
Ambient Temperature Ta(
°C)
BP5324A
BP5324A
Use a fuse for safety.
12
4 5
8
10 11 12
2.54
×11=27.94
P=2.54±0.2
0.5±0.1
1.3±0.2
3.25Max.
38.5Max.
13.6Max.
4.55Max.
9.05Max.
0.25±0.05
VIN
C1
F1
12
4 5
8
10 11 12
C4
C2
C3
Vo
Rev.A



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PT440075-W 48-V Input Isolated DC/DC Converter 1 2 3 4 5 MoreTexas Instruments
PTQA430025_0612100-W 48-V INPUT ISOLATED DC/DC CONVERTER 1 2 3 4 5 MoreTexas Instruments
PTB48500Dual-Output 48-V Input Isolated DC/DC Converter for xDSL 1 2 3 4 5 MoreTexas Instruments
PTEA40412050-W 48-V INPUT 12-V OUTPUT ISOLATED DC/DC CONVERTER 1 2 3 4 5 MoreTexas Instruments
MPC17550Quad H-Bridge Micromotor Driver with DC/DC Boost Converter 1 2 3 4 5 MoreMotorola, Inc
TEP5606ISDN DC/DC Converter Transformer 1 Filtran LTD
E48SB9R625Delphi Series E48SB 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin 9.6V/25A out 1 2 3 4 5 MoreDelta Electronics, Inc.
AAT1151_07850kHz 700mA Synchronous Buck DC/DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AP1507150KHz 3A PWM BUCK DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1506_1150KHz 3A PWM Buck DC/DC Converter 1 2 3 4 5 MoreAnachip Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl