Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8788 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8788
Description  ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8788 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8788 Datasheet HTML 1Page - Holt Integrated Circuits HI-8788 Datasheet HTML 2Page - Holt Integrated Circuits HI-8788 Datasheet HTML 3Page - Holt Integrated Circuits HI-8788 Datasheet HTML 4Page - Holt Integrated Circuits HI-8788 Datasheet HTML 5Page - Holt Integrated Circuits HI-8788 Datasheet HTML 6Page - Holt Integrated Circuits HI-8788 Datasheet HTML 7Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HI-8787, HI-8788
phlx
t
phlx
t
plhx
t
plhx
t
0V
10V
-10V
rx
t
t fx
10%
90%
t
10%
90%
t rx
10%
fx
DIFFERENTIAL VOLTAGE
TXAOUT - TXBOUT
LINE DRIVER OUTPUTS
XMT CLK
32
33
34
2
35
36
1234
31
32
33
34
35
36
1
GAP
WRITE
XMT RDY
GAP
DATA TRANSMISSION - EXAMPLE PATTERN
561 SYNC
561 SYNC
561 DATA
ARINC 429 DATA
(TXAOUT-TXBOUT)
XMIT CLK
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-8788

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8788 HOLTIC-HI-8788 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8788PQI HOLTIC-HI-8788PQI Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8788PQIF HOLTIC-HI-8788PQIF Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8788PQT HOLTIC-HI-8788PQT Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8788PQTF HOLTIC-HI-8788PQTF Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
More results

Similar Description - HI-8788

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com