Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8591 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8591
Description  ARINC 429 LINE RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8591 Datasheet(HTML) 6 Page - Holt Integrated Circuits

  HI-8591 Datasheet HTML 1Page - Holt Integrated Circuits HI-8591 Datasheet HTML 2Page - Holt Integrated Circuits HI-8591 Datasheet HTML 3Page - Holt Integrated Circuits HI-8591 Datasheet HTML 4Page - Holt Integrated Circuits HI-8591 Datasheet HTML 5Page - Holt Integrated Circuits HI-8591 Datasheet HTML 6Page - Holt Integrated Circuits HI-8591 Datasheet HTML 7Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Package Type:
Detail A
0° to 8°
Detail A
8HN
8-PIN PLASTIC SMALL OUTLINE (SOIC) - NB
(Narrow Body)
PIN 1
.236 ± .008
(5.994 ± .203)
.1535 ± .0035
(3.90 ± .09)
.1935 ± .0035
(4.915 ± .085)
.0086 ± .0012
(.2184 ± .0305)
.050 ± .010
(1.27 ± .254)
.033 ± .017
(.8382 ± .4318)
.055 ± .005
(1.397 ± .127)
.0069 ± .0029
(.1753 ± .0737)
.0165 ± .0035
(.4191 ± .0889)
HI-8591 PACKAGE DIMENSIONS
inches (millimeters)
Package Type: 8D
8-PIN CERDIP
.380 ± .004
(9.652 ± .102)
.005 MIN.
(.127 MIN.)
.314 ± .003
(7.976 ± .076)
.200 MAX.
(5.080 MAX.)
.248 ± .003
(6.299 ± .076)
.100 ± .008
(2.540 ± .203)
.039 ± .006
(.991 ± .154)
.163 ± .037
(4.140 ± .940)
.018 ± .006
(.457 ± .152)
.056 ± .006
(1.422 ± .152)
.015 MIN.
(.381 MIN.)
.350 ± .030
(8.890 ± .762)
.010 ± .006
(.254 ± .152`)
Base Plane
Seating Plane
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8591

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8591CRIF HOLTIC-HI-8591CRIF Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8591CRIF-40 HOLTIC-HI-8591CRIF-40 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8591CRMF HOLTIC-HI-8591CRMF Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8591CRMF-40 HOLTIC-HI-8591CRMF-40 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
More results

Similar Description - HI-8591

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588 HOLTIC-HI-8588 Datasheet
167Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588-10 HOLTIC-HI-8588-10_14 Datasheet
63Kb / 7P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10_06 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com